Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK11C88-S25I Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STK11C88-S25I
Description  32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK11C88-S25I Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STK11C88-S25I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK11C88-S25I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C88-S25I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C88-S25I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C88-S25I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C88-S25I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C88-S25I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C88-S25I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C88-S25I Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STK11C88
July 1999
5-3
SRAM READ CYCLES #1 & #2
(VCC = 5.0V + 10%)
b
Note g:
W must be high during SRAM READ cycles and low during SRAM WRITE cycles.
Note h:
I/O state assumes E, G < VIL and W > VIH; device is continuously selected.
Note i:
Measured
± 200mV from steady state output voltage.
SRAM READ CYCLE #1: Address Controlledg, h
SRAM READ CYCLE #2: E Controlledg
NO.
SYMBOLS
PARAMETER
STK11C88-20
STK11C88-25
STK11C88-35
STK11C88-45
UNITS
#1, #2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
1tELQV
tACS
Chip Enable Access Time
20
25
35
45
ns
2tAVAV
g
tRC
Read Cycle Time
20
25
35
45
ns
3tAVQV
h
tAA
Address Access Time
22
25
35
45
ns
4tGLQV
tOE
Output Enable to Data Valid
8
10
15
20
ns
5tAXQX
h
tOH
Output Hold after Address Change
5
5
5
5
ns
6tELQX
tLZ
Chip Enable to Output Active
5
5
5
5
ns
7tEHQZ
i
tHZ
Chip Disable to Output Inactive
7
10
13
15
ns
8tGLQX
tOLZ
Output Enable to Output Active
0
0
0
0
ns
9tGHQZ
i
tOHZ
Output Disable to Output Inactive
7
10
13
15
ns
10
tELICCH
f
tPA
Chip Enable to Power Active
0
0
0
0
ns
11
tEHICCL
e, f
tPS
Chip Disable to Power Standby
25
25
35
45
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
6
tELQX
STANDBY
DATA VALID
8
tGLQX
4
tGLQV
DQ (DATA OUT)
E
ADDRESS
2
tAVAV
G
ICC
ACTIVE
1
tELQV
10
tELICCH
11
tEHICCL
7
tEHQZ
9
tGHQZ


Similar Part No. - STK11C88-S25I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C88-SF25 SIMTEK-STK11C88-SF25 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-SF25 SIMTEK-STK11C88-SF25 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C88-SF25 CYPRESS-STK11C88-SF25 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C88-SF25I SIMTEK-STK11C88-SF25I Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-SF25I SIMTEK-STK11C88-SF25I Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
More results

Similar Description - STK11C88-S25I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com