Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25D80C Datasheet(PDF) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25D80C
Description  3.3V Uniform Sector Standard and Dual Serial Flash
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D80C Datasheet(HTML) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25D80C Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80C Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25D80C Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D80C
18
7.9. Sector Erase (SE) (20H)
The Sector Erase (SE) command is for erasing the all data of the specific sector. A Write Enable (WREN) command
must previously have been executed to set the Write Enable Latch (WEL) bit. The Sector Erase (SE) command is entered
by driving CS# low, followed by the command code, and 3-address byte on SI. Any address inside the sector is a valid
address for the Sector Erase (SE) command. CS# must be driven low for the entire duration of the sequence.
The Sector Erase command sequence: CS# goes low  sending Sector Erase command  3-byte address on SI
 CS# goes high. The command sequence is shown in Figure9. CS# must be driven high after the eighth bit of the last
address byte has been latched in; otherwise the Sector Erase (SE) command is not executed. As soon as CS# is driven
high, the self-timed Sector Erase cycle (whose duration is tSE) is initiated. While the Sector Erase cycle is in progress, the
Status Register is accessed to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during
the self-timed Sector Erase cycle, and becomes 0 when it is completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset. A Sector Erase (SE) command applied to a sector which is protected
by the Block Protect (BP2, BP1, BP0) bit (see Table1) is not executed.
Figure9. Sector Erase Sequence Diagram
7.10.
32KB Block Erase (BE) (52H)
The 32KB Block Erase (BE) command is for erasing the all data of the chosen block. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit. The 32KB Block Erase (BE)
command is entered by driving CS# low, followed by the command code, and three address bytes on SI. Any address inside
the block is a valid address for the 32KB Block Erase (BE) command. CS# must be driven low for the entire duration of the
sequence.
The 32KB Block Erase command sequence: CS# goes low  sending 32KB Block Erase command  3-byte address
on SI  CS# goes high. The command sequence is shown in Figure10. CS# must be driven high after the eighth bit of the
last address byte has been latched in; otherwise the 32KB Block Erase (BE) command is not executed. As soon as CS# is
driven high, the self-timed Block Erase cycle (whose duration is tBE) is initiated. While the Block Erase cycle is in progress,
the Status Register is accessed to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1
during the self-timed Block Erase cycle, and becomes 0 when it is completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset. A 32KB Block Erase (BE) command applied to a block which is
protected by the Block Protect (BP2, BP1, BP0) bits (see Table1) is not executed.
Figure10. 32KB Block Erase Sequence Diagram
Command
0
1
2
3
4
5
6
7
20H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
24 Bits Address
23 22
Command
0
1
2
3
4
5
6
7
52H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
24 Bits Address
23 22


Similar Part No. - GD25D80C

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25D80C GIGADEVICE-GD25D80C Datasheet
4Mb / 28P
   MCU
More results

Similar Description - GD25D80C

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD25D20C GIGADEVICE-GD25D20C Datasheet
830Kb / 43P
   3.3V Uniform Sector Standard and Dual Serial Flash
GD25D05C GIGADEVICE-GD25D05C Datasheet
890Kb / 42P
   3.3V Uniform Sector Standard and Dual Serial Flash
GD25LD05C GIGADEVICE-GD25LD05C Datasheet
890Kb / 42P
   Uniform Sector Standard and Dual Serial Flash
GD25WD20C GIGADEVICE-GD25WD20C Datasheet
870Kb / 49P
   Uniform Sector Standard and Dual Serial Flash
GD25WD80C GIGADEVICE-GD25WD80C Datasheet
883Kb / 47P
   Uniform Sector Standard and Dual Serial Flash
GD25WD05C GIGADEVICE-GD25WD05C Datasheet
896Kb / 43P
   Uniform Sector Standard and Dual Serial Flash
GD25LD20C GIGADEVICE-GD25LD20C Datasheet
963Kb / 46P
   Uniform Sector Standard and Dual Serial Flash
GD25Q80C GIGADEVICE-GD25Q80C Datasheet
1Mb / 67P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q64C GIGADEVICE-GD25Q64C Datasheet
1Mb / 74P
   3.3V Uniform Sector Dual and Quad Serial Flash
GD25Q127C GIGADEVICE-GD25Q127C Datasheet
1Mb / 79P
   3.3V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com