Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD5F2GQ4RFZIS Datasheet(PDF) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F2GQ4RFZIS
Description  SPI(x1/x2/x4) NAND Flash
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4RFZIS Datasheet(HTML) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F2GQ4RFZIS Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIS Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
SPI(x1/x2/x4) NAND Flash
2G
41
14.2 Block Protection
The block lock feature provides the ability to protect the entire device, or ranges of blocks, from the PROGRAM and ERASE
operations. After power-up, the device is in the
“locked” state, i.e., feature bits BP0, BP1and BP2are set to 1, INV, CMP
and BRWD are set to 0. To unlock all the blocks, or a range of blocks, the SET FEATURES command must be issued to
alter the state of protection feature bits. When BRWD is set and WP# is LOW, none of the writable protection feature bits
can be set. Also, when a PROGRAM/ERASE command is issued to a locked block, status bit OIP remains 0.When an
ERASE command is issued to a locked block, the erase failure, 04H, is returned. When a PROGRAM command is issued
to a locked block, program failure,08h is returned.
Table14-1. Block Lock Register Block Protect Bits
CMP
INV
BP2
BP1
BP0
Protect Row Address
Protect Rows
2G
x
x
0
0
0
NONE
None
—all unlocked
0
0
0
0
1
1F800h ~ 1FFFFh
Upper 1/64 locked
0
0
0
1
0
1F000h ~ 1FFFFh
Upper 1/32 locked
0
0
0
1
1
1E000h ~ 1FFFFh
Upper 1/16 locked
0
0
1
0
0
1C000h ~ 1FFFFh
Upper 1/8 locked
0
0
1
0
1
18000h ~ 1FFFFh
Upper 1/4 locked
0
0
1
1
0
10000h ~ 1FFFFh
Upper 1/2 locked
x
x
1
1
1
0000h ~ 1FFFFh
All locked (default)
0
1
0
0
1
0000h ~7FFh
Lower 1/64 locked
0
1
0
1
0
0000h ~FFFh
Lower 1/32 locked
0
1
0
1
1
0000h ~ 1FFFh
Lower 1/16 locked
0
1
1
0
0
0000h ~ 3FFFh
Lower 1/8 locked
0
1
1
0
1
0000h ~ 7FFFh
Lower 1/4 locked
0
1
1
1
0
0000h ~ FFFFh
Lower 1/2 locked
1
0
0
0
1
0000h ~ 1F7FFh
Lower 63/64 locked
1
0
0
1
0
0000h ~ 1EFFFh
Lower31/32 locked
1
0
0
1
1
0000h ~ 1DFFFh
Lower 15/16 locked
1
0
1
0
0
0000h ~ 1BFFFh
Lower7/8 locked
1
0
1
0
1
0000h ~ 17FFFh
Lower3/4 locked
1
0
1
1
0
0000h ~ 003Fh
Block0
1
1
0
0
1
0800h ~ 1FFFFh
Upper 63/64 locked
1
1
0
1
0
1000h ~ 1FFFFh
Upper31/32 locked
1
1
0
1
1
2000h ~ 1FFFFh
Upper 15/16 locked
1
1
1
0
0
4000h ~ 1FFFFh
Upper7/8 locked
1
1
1
0
1
8000h ~ 1FFFFh
Upper3/4 locked
1
1
1
1
0
0000h ~ 003Fh
Block0
When WP# is not LOW, user can issue bellows commands to alter the protection states as want.
• Issue SET FEATURES register write (1FH)
• Issue the feature bit address (A0h) and the feature bits combination as the table


Similar Part No. - GD5F2GQ4RFZIS

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD5F2GQ4RFZIG GIGADEVICE-GD5F2GQ4RFZIG Datasheet
1Mb / 46P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIH GIGADEVICE-GD5F2GQ4RFZIH Datasheet
1Mb / 47P
   SPI(x1/x2/x4) NAND Flash
More results

Similar Description - GD5F2GQ4RFZIS

ManufacturerPart #DatasheetDescription
logo
GigaDevice Semiconducto...
GD5F1GQ4REFIG GIGADEVICE-GD5F1GQ4REFIG Datasheet
1Mb / 53P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIH GIGADEVICE-GD5F2GQ4RFZIH Datasheet
1Mb / 47P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIH GIGADEVICE-GD5F1GQ4REFIH Datasheet
1Mb / 51P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4REFIS GIGADEVICE-GD5F1GQ4REFIS Datasheet
1Mb / 60P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIG GIGADEVICE-GD5F2GQ4REZIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4RFZIG GIGADEVICE-GD5F2GQ4RFZIG Datasheet
1Mb / 46P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIG GIGADEVICE-GD5F1GQ4RFFIG Datasheet
1Mb / 50P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIH GIGADEVICE-GD5F1GQ4RFFIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
GD5F1GQ4RFFIS GIGADEVICE-GD5F1GQ4RFFIS Datasheet
1Mb / 59P
   SPI(x1/x2/x4) NAND Flash
GD5F2GQ4REZIH GIGADEVICE-GD5F2GQ4REZIH Datasheet
1Mb / 49P
   SPI(x1/x2/x4) NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com