Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29DL161TE Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MBM29DL161TE
Description  16M (2MX8/1MX16) BIT Dual Operation
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29DL161TE Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MBM29DL161TE Datasheet HTML 7Page - Fujitsu Component Limited. MBM29DL161TE Datasheet HTML 8Page - Fujitsu Component Limited. MBM29DL161TE Datasheet HTML 9Page - Fujitsu Component Limited. MBM29DL161TE Datasheet HTML 10Page - Fujitsu Component Limited. MBM29DL161TE Datasheet HTML 11Page - Fujitsu Component Limited. MBM29DL161TE Datasheet HTML 12Page - Fujitsu Component Limited. MBM29DL161TE Datasheet HTML 13Page - Fujitsu Component Limited. MBM29DL161TE Datasheet HTML 14Page - Fujitsu Component Limited. MBM29DL161TE Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
MBM29DL16XTE/BE-70/90/12
11
Note: The address range is A19: A-1 if in byte mode (BYTE = VIL).
The address range is A19: A0 if in word mode (BYTE = VIH).
Table 5.2 Sector Address Tables (MBM29DL161BE)
Bank
Sector
Sector Address
Sector
Size
(Kbytes/
Kwords)
(
×8)
Address Range
(
×16)
Address Range
Bank Address
A19 A18 A17 A16 A15 A14 A13 A12
Bank 2
SA38
11111
X
X
X
64/32
1F0000H to 1FFFFFH
0F8000H to 0FFFFFH
SA37
11110
X
X
X
64/32
1E0000H to 1EFFFFH 0F0000H to 0F7FFFH
SA36
11101
X
X
X
64/32
1D0000H to 1DFFFFH 0E8000H to 0EFFFFH
SA35
11100
X
X
X
64/32
1C0000H to 1CFFFFH 0E0000H to 0E7FFFH
SA34
11011
X
X
X
64/32
1B0000H to 1BFFFFH 0D8000H to 0DFFFFH
SA33
11010
X
X
X
64/32
1A0000H to 1AFFFFH 0D0000H to 0D7FFFH
SA32
11001
X
X
X
64/32
190000H to 19FFFFH 0C8000H to 0CFFFFH
SA31
11000
X
X
X
64/32
180000H to 18FFFFH 0C0000H to 0C7FFFH
SA30
10111
X
X
X
64/32
170000H to 17FFFFH
0B8000H to 0BFFFFH
SA29
10110
X
X
X
64/32
160000H to 16FFFFH
0B0000H to 0B7FFFH
SA28
10101
X
X
X
64/32
150000H to 15FFFFH
0A8000H to 0AFFFFH
SA27
10100
X
X
X
64/32
140000H to 14FFFFH
0A0000H to 0A7FFFH
SA26
10011
X
X
X
64/32
130000H to 13FFFFH
098000H to 09FFFFH
SA25
10010
X
X
X
64/32
120000H to 12FFFFH
090000H to 097FFFH
SA24
1
0
0
0
XXXX
64/32
110000H to 11FFFFH
088000H to 08FFFFH
SA23
10000
X
X
X
64/32
100000H to 10FFFFH
080000H to 087FFFH
SA22
01111
X
X
X
64/32
0F0000H to 0FFFFFH
078000H to 07FFFFH
SA21
01110
X
X
X
64/32
0E0000H to 0EFFFFH
070000H to 077FFFH
SA20
01101
X
X
X
64/32
0D0000H to 0DFFFFH 068000H to 06FFFFH
SA19
01100
X
X
X
64/32
0C0000H to 0CFFFFH 060000H to 067FFFH
SA18
01011
X
X
X
64/32
0B0000H to 0BFFFFH
058000H to 05FFFFH
SA17
01010
X
X
X
64/32
0A0000H to 0AFFFFH
050000H to 057FFFH
SA16
01001
X
X
X
64/32
090000H to 09FFFFH
048000H to 04FFFFH
SA15
01000
X
X
X
64/32
080000H to 08FFFFH
040000H to 047FFFH
SA14
00111
X
X
X
64/32
070000H to 07FFFFH
038000H to 03FFFFH
SA13
00110
X
X
X
64/32
060000H to 06FFFFH
030000H to 037FFFH
SA12
00101
X
X
X
64/32
050000H to 05FFFFH
028000H to 02FFFFH
SA11
00100
X
X
X
64/32
040000H to 04FFFFH
020000H to 027FFFH
SA10
00011
X
X
X
64/32
030000H to 03FFFFH
018000H to 01FFFFH
SA9
00010
X
X
X
64/32
020000H to 02FFFFH
010000H to 017FFFH
SA8
00001
X
X
X
64/32
010000H to 01FFFFH
008000H to 00FFFFH
Bank 1
SA7
00000111
8/4
00E000H to 00FFFFH
007000H to 007FFFH
SA6
00000110
8/4
00C000H to 00DFFFH
006000H to 006FFFH
SA5
00000101
8/4
00A000H to 00BFFFH
005000H to 005FFFH
SA4
00000100
8/4
008000H to 009FFFH
004000H to 004FFFH
SA3
00000011
8/4
006000H to 007FFFH
003000H to 003FFFH
SA2
00000010
8/4
004000H to 005FFFH
002000H to 002FFFH
SA1
00000001
8/4
002000H to 003FFFH
001000H to 001FFFH
SA0
00000000
8/4
000000H to 001FFFH
000000H to 000FFFH


Similar Part No. - MBM29DL161TE

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29DL161TE-70PBT SPANSION-MBM29DL161TE-70PBT Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL161TE-70TN SPANSION-MBM29DL161TE-70TN Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL161TE-70TR SPANSION-MBM29DL161TE-70TR Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL161TE-90PBT SPANSION-MBM29DL161TE-90PBT Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL161TE-90TN SPANSION-MBM29DL161TE-90TN Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
More results

Similar Description - MBM29DL161TE

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
HY23V16202 ETC1-HY23V16202 Datasheet
132Kb / 8P
   1MX16/2MX8 BIT CMOS MASK ROM
logo
Lyontek Inc.
LY62L102616A LYONTEK-LY62L102616A_13 Datasheet
169Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
LY62L102616A LYONTEK-LY62L102616A_17 Datasheet
720Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
LY62L102616 LYONTEK-LY62L102616_17 Datasheet
715Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable ) LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AC23C16200B ETC-AC23C16200B Datasheet
80Kb / 8P
   1MX16/2MX8 BIT CMOS MASK ROM
logo
Lyontek Inc.
LY62102616 LYONTEK-LY62102616_17 Datasheet
731Kb / 13P
   16M Bits(1Mx16/2Mx8 Switchable) LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com