Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6660EVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6660EVKIT
Description  MAX6660 Evaluation System/Evaluation Kit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6660EVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6660EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX6660EVKIT Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Note: Words in boldface are user-selectable features in
the software.
The program continually polls the device for new tem-
perature data and status, and monitors for alert condi-
tions. To disable the continuous polling of data,
uncheck the Automatic Read checkbox. To change
the THIGH and TLOW threshold comparison registers,
select the appropriate data field and type in the new
value. Pressing Enter after typing in the new values
updates the internal registers.
If an interrupt condition is generated by the tempera-
ture crossing one of the alarm threshold levels, the
message ALERT appears. To clear the interrupt, first
eliminate the condition that caused it and then click on
Read Alert. This action reads the Alert Response
address, returns the value of the current MAX6660
slave address, and clears the interrupt. Note: The
least-significant bit of the address is the read/write sta-
tus bit; therefore, the address returned is 1 higher.
Simple SMBus Commands
There are two methods for communicating with the
MAX6660: through the normal user-interface panel or
through the SMBus commands available from pressing
the MAXSMBUS button. A display pops up that allows
the SMBus protocols, such as Read Byte and Write
Byte, to be executed. To stop normal user-interface
execution so that it does not override the manually set
values, turn off the update timer that slaves the pro-
gram to the conversion rate by unchecking the
Automatic Read checkbox.
The SMBus dialog boxes accept numeric data in bina-
ry, decimal, or hexadecimal. Hexadecimal numbers
should be prefixed by $ or 0x. Binary numbers must be
exactly eight digits.
Note: In places where the slave address asks for an 8-
bit value, it must be the 7-bit slave address of the
MAX6660 as determined by ADD0 and ADD1 with the
last bit set to 1 for a read operation and zero for a write.
Data Logging
Check the Data Logging checkbox to activate data
logging. Data logging saves temperature and status
data to a text file that includes a time/date stamp next
to each data point. If Automatic Read is enabled, data
is sampled at 2Hz; however, the data is logged to the
file only if either the temperature or status change. This
slows the growth of the data-logging file. When
Automatic Read is disabled, the data is logged each
time the Read All button is clicked. To stop data log-
ging, uncheck the Data Logging checkbox.
Jumper and Switch Settings
Two jumpers set the MAX6660 slave address. The
default address is 1001 110 (ADD0 = ADD1 = VCC).
JU1 corresponds to ADD0 and JU2 corresponds to
ADD1; see Table 1 for a complete list of addresses.
The MAX6660 must undergo a power-on reset for the
new address to become effective.
Note: The first 7 bits shown are the address. Y (bit 0) is
the SMBus read/write bit. This bit is a 1 for a read oper-
ation and zero for a write.
A slide switch, S1, is provided as a means to force a
power-on reset of the MAX6660. This switch disables
power to the device.
Fan Control
The MAX6660 incorporates a closed-loop fan controller
that regulates fan speed with tachometer feedback. It
compares temperature data to fan threshold tempera-
ture and gain setting, resulting in automatic fan control
proportional to the remote-junction temperature.
Figure 1 shows the registers that control the fan. The
register values must be calculated for the selected fan.
MAX6660 Evaluation System/Evaluation Kit
_______________________________________________________________________________________
3
SHUNT LOCATION
MAX6660
ADDRESS
JU1 (ADD0)
JU2 (ADD1)
2-3
2-3
0011 000Y
2-3
Open
0011 001Y
2-3
1-2
0011 010Y
Open
2-3
0101 001Y
Open
Open
0101 010Y
Open
1-2
0101 011Y
1-2
2-3
1001 100Y
1-2
Open
1001 101Y
1-2
1-2
1001 110Y
Table 1. JU1 and JU2 Shunt Settings for
SMBus Address
SHUNT
LOCATION
STBY PIN
FUNCTION
1-2
Connected to VCC
In operate mode
2-3
Connected to GND
In standby mode
Table 2. JU3 Shunt Settings for STBY


Similar Part No. - MAX6660EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6660 MAXIM-MAX6660 Datasheet
204Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
Rev 0; 10/01
MAX6660AEE MAXIM-MAX6660AEE Datasheet
204Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
Rev 0; 10/01
MAX6660AEE MAXIM-MAX6660AEE Datasheet
483Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
2006
MAX6660 MAXIM-MAX6660_V01 Datasheet
483Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
2006
More results

Similar Description - MAX6660EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
MAX9590EVKIT MAXIM-MAX9590EVKIT Datasheet
723Kb / 9P
   MAX9590 Evaluation Kit/Evaluation System
19-0561; Rev 0; 5/06
MAX5661EVKIT MAXIM-MAX5661EVKIT Datasheet
306Kb / 13P
   MAX5661 Evaluation Kit/Evaluation System
Rev 0; 3/09
MAX7306EVKIT MAXIM-MAX7306EVKIT Datasheet
184Kb / 8P
   MAX7306 Evaluation Kit/Evaluation System
Rev 0; 8/07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com