Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-517EIR1BC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # L-517EIR1BC
Description  RECEIVER MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

L-517EIR1BC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button L-517EIR1BC Datasheet HTML 4Page - List of Unclassifed Manufacturers L-517EIR1BC Datasheet HTML 5Page - List of Unclassifed Manufacturers L-517EIR1BC Datasheet HTML 6Page - List of Unclassifed Manufacturers L-517EIR1BC Datasheet HTML 7Page - List of Unclassifed Manufacturers L-517EIR1BC Datasheet HTML 8Page - List of Unclassifed Manufacturers L-517EIR1BC Datasheet HTML 9Page - List of Unclassifed Manufacturers L-517EIR1BC Datasheet HTML 10Page - List of Unclassifed Manufacturers L-517EIR1BC Datasheet HTML 11Page - List of Unclassifed Manufacturers L-517EIR1BC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
B-8
L-51ROPT1XX 5.0mm PHOTOTRANSISTOR
L-51ROPT1XX
D1,D2=BLACK
1.All dimension are in millimeters (inches).
2.Tolerance is
0.25 mm (0.01") unless otherwise specified.
Part No.
PD (mw)
ABSOLUTE MAXIMUN RATING:(
Ta=25ºC)
V(BR)R (V)
Topr
Tstg
PARAMETER
Power Dissipation
Reverse break down
voltage
Operating Temperature
Range
Storage Temperature
Range
10
5
-35ºC to 85ºC
-35ºC to 85ºC
Lead Soldering Temperature {1.6mm(0.063 inch)From Body}250ºC
5ºC For 3 Seconds
ELECTRO-OPTICAL CHARACTERISTICS:(Ta=25ºC)
Part No.
BVCEO (V)
BVECO (V)
ICEO (nA)
VCE(s) (V)
tR/t
F (uS)
lC (mA)
CCB (pF)
(nm)
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN PEAK MAX
TEST
CONDITION
PARAMETER
L-51ROPT1C
30
5
100
0.4
15/15
1.8 2.4
6.4
400
1050
L-51ROPT1D1 30
5
100
0.4
15/15
1.7 2.2
6.4
900 940
L-51ROPT1D2 30
5
100
0.4
15/15
1.7 2.2
6.4
800 870
IC=100uA
Ee=0mW/cm
2
IE=100uA
Ee=0mW/cm
2
VE=20V
Ee=0mW/cm
2
IC=2mA
Ee=0.5mW/cm
2
VCE=5V
IC=1mA
RL=1000
f=1MHZ
VCB=3V
Ee=0mW/cm
2
COLLECTOR
DARK
CURRENT
RISE/FALL
TIME
SPECTRAL
SENSITIVITY
WAVELENGTH
VCE=5V
Ee=0.1mW/cm
2
COLLECTOR
-BASE
CAPACITANCE
ON STATE
COLLECTOR
CURRENT
COLLECTOR-
EMITTER
SATURATION
VOLTAGE
EMITTER-
COLLECTOR
BREAKDOWN
VOLTAGE
COLLECTOR-
EMITTER
BREAKDOWN
VOLTAGE


Similar Part No. - L-517EIR1BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-511ED ETC1-L-511ED Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
L-511GD ETC1-L-511GD Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
L-511HD ETC1-L-511HD Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
L-511SRD ETC1-L-511SRD Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
L-511YD ETC1-L-511YD Datasheet
110Kb / 1P
   5.0mm Dia FLANGELESS LED LAMP
More results

Similar Description - L-517EIR1BC

ManufacturerPart #DatasheetDescription
logo
AUK corp
SRM356VF AUK-SRM356VF Datasheet
59Kb / 5P
   Receiver Module
logo
List of Unclassifed Man...
RWS-PO929 ETC2-RWS-PO929 Datasheet
606Kb / 2P
   Receiver Module
logo
Everlight Electronics C...
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMMA0 EVERLIGHT-EAIRMMA0 Datasheet
597Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMHA1 EVERLIGHT-EAIRMHA1 Datasheet
752Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMIA3 EVERLIGHT-EAIRMIA3 Datasheet
530Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMLA1 EVERLIGHT-EAIRMLA1 Datasheet
679Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMLA3 EVERLIGHT-EAIRMLA3 Datasheet
606Kb / 10P
   Infrared Receiver Control Receiver Module
EAIRMIA0 EVERLIGHT-EAIRMIA0 Datasheet
712Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMJA0 EVERLIGHT-EAIRMJA0 Datasheet
601Kb / 8P
   Infrared Receiver Control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com