Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6075B Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N6075B
Description  Sensitive Gate Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6075B Datasheet(HTML) 5 Page - ON Semiconductor

  2N6075B Datasheet HTML 1Page - ON Semiconductor 2N6075B Datasheet HTML 2Page - ON Semiconductor 2N6075B Datasheet HTML 3Page - ON Semiconductor 2N6075B Datasheet HTML 4Page - ON Semiconductor 2N6075B Datasheet HTML 5Page - ON Semiconductor 2N6075B Datasheet HTML 6Page - ON Semiconductor 2N6075B Datasheet HTML 7Page - ON Semiconductor 2N6075B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2N6071A/B Series
http://onsemi.com
5
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
140
120
100
80
60
40
20
0
–20
–40
–60
0.3
0.5
0.7
1.0
2.0
2.0
3.0
0.5
0.3
0.7
1.0
120
3.0
–60
–40
–20
0
20
40
60
80
100
140
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
°
90
°
30
°
dc
0
2.0
4.0
8.0
6.0
4.0
3.0
2.0
1.0
IT(RMS), RMS ON-STATE CURRENT (AMP)
3.0
0
0
2.0
4.0
6.0
0
1.0
2.0
8.0
4.0
α = 30°
60
°
90
°
120
°
180
°
dc
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
80
3.0
90
70
100
0
1.0
2.0
110
4.0
60
°
120
°
dc
α = CONDUCTION ANGLE
a
a
a
α = CONDUCTION ANGLE
a
70
80
3.0
100
0
1.0
2.0
90
α
a
110
120
°
180
°
dc
90
°
α = 30°
a
a
α = CONDUCTION ANGLE
4.0
IT(RMS), RMS ON-STATE CURRENT (AMP)
180
°
α = 30°
90
°
α = CONDUCTION ANGLE
60
°
60
°
α = 180°
Figure 1. Average Current Derating
Figure 2. RMS Current Derating
Figure 3. Power Dissipation
Figure 4. Power Dissipation
Figure 5. Typical Gate–Trigger Voltage
Figure 6. Typical Gate–Trigger Current


Similar Part No. - 2N6075B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6075B MOTOROLA-2N6075B Datasheet
118Kb / 6P
   TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
logo
Central Semiconductor C...
2N6075B CENTRAL-2N6075B Datasheet
81Kb / 2P
   SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS
logo
ON Semiconductor
2N6075B ONSEMI-2N6075B Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
logo
Digitron Semiconductors
2N6075B DIGITRON-2N6075B Datasheet
980Kb / 4P
   SENSITIVE GATE TRIACS
logo
ON Semiconductor
2N6075BG ONSEMI-2N6075BG Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
More results

Similar Description - 2N6075B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com