Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KRC60 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # 30KRC60
Description  THYRISTOR - 30A, 600V, TO-247
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

30KRC60 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  30KRC60 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 30KRC60 Datasheet HTML 2Page - Nihon Inter Electronics Corporation 30KRC60 Datasheet HTML 3Page - Nihon Inter Electronics Corporation 30KRC60 Datasheet HTML 4Page - Nihon Inter Electronics Corporation 30KRC60 Datasheet HTML 5Page - Nihon Inter Electronics Corporation 30KRC60 Datasheet HTML 6Page - Nihon Inter Electronics Corporation 30KRC60 Datasheet HTML 7Page - Nihon Inter Electronics Corporation 30KRC60 Datasheet HTML 8Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
THYRISTOR Type
30KRC60
30KRC60
30KRC60
30KRC60
Cnstruction:CenterGatePlannerType
Application:ACPowerConrolForGeneralUse
AbsoluteMaximum Ratings
VoltageRatings
Rating
Symbol
30KRC60
Unit
RepetitivePeakoff-stateVoltage
VDRM
600
V
Non-repetitivePeakoff-stateVoltage
VDSM
700
V
RepetitivePeakReverseVoltage
VRRM
600
V
Non-repetitivePeakReverseVoltage
VRSM
700
V
Rating
Symbol
Conditions
Max.RatedValue
Unit
AverageOn-StateCurrent
Io(AV)
180
°Conduction, Tc=80°C
30
A
RMSOn-StateCurrent
IT(RMS)
47
A
SurgeOn-StateCurrent
ITSM
50HzHalfSineWave,1Pulse,Non-Repetitive
600
A
ISquaredt
I
2t
2 to 10ms
1800
A
2s
PeakGatePower
PGM(
5
W
AverageGatePower
PG(AV)
1
W
PeakForwardGateCurrent
IGM
2
A
PeakForwardGateVoltage
VGM
10
V
PeakReverseGateVoltage
VRGM
5
V
OperatingJunctionTemperatureRange
Tjw
−40 to+125
°C
StorageTemperatureRange
Tstg
−40 to+150
°C
MountingForce
RecommendedValue
0.5
N
•m
ElectricalCharacteristics
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Tj=25
°C
0.5
PeakOff-StateCurrent
IDM
VDM=VDRM
Tj=125
°C
10
mA
Tj=25
°C
0.5
Peak ReverseCurrent
IRM
VRM=VRRM
Tj=125
°C
10
mA
PeakOn-StateVoltage
VTM
Tj=25
°C,I
TM=90A
1.5
V
Tj=-40
°C
220
Tj=25
°C
100
GateTriggerCurrent
IGT
VD=6V,IT=1A
Tj=125
°C
50
mA
Tj=-40
°C
4.0
Tj=25
°C
2.5
GateTriggerVoltage
VGT
VD=6V,IT=1A
Tj=125
°C
2.0
V
GateNon-TriggerCurrent
VGD
Tj=125
°C,V
D=2/3
V
DRM
0.25
V
Turn-OnTime
tgt
6
µs
DelayTime
td
2
µs
RiseTime
tr
Tj=125
°C,V
D=2/3
V
DRM
4
µs
LatchingCurrent
IL
Tj=25
°C
100
mA
HoldingCurrent
IH
Tj=25
°C
50
mA
ThermalResistance
Rth(j-c)
Junction to Case
1.0
°C/W
30A, 600V, TO-247


Similar Part No. - 30KRC60

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
30KR85 COOPER-30KR85 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - 30KRC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
   N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
   N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
STGW30NC60W STMICROELECTRONICS-STGW30NC60W Datasheet
98Kb / 9P
   N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD Datasheet
280Kb / 14P
   N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH??IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_07 Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 Ultra fast switching PowerMESH??IGBT
STW30NM60D STMICROELECTRONICS-STW30NM60D Datasheet
244Kb / 9P
   N-CHANNEL 600V - 0.125 - 30A TO-247 Fast Diode MDmesh MOSFET
STGP30NC60W STMICROELECTRONICS-STGP30NC60W Datasheet
306Kb / 14P
   N-channel 30A - 600V - TO-247 - TO-220 Ultra fast switching PowerMESH TM IGBT
STGW50NC60W STMICROELECTRONICS-STGW50NC60W Datasheet
289Kb / 14P
   N-channel 600V - 55A - TO-247
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com