Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL255-2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL255-2
Description  Optocoupler, Phototransistor Output, AC Inout, With Base Connection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL255-2 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL255-2 Datasheet HTML 1Page - Vishay Siliconix IL255-2 Datasheet HTML 2Page - Vishay Siliconix IL255-2 Datasheet HTML 3Page - Vishay Siliconix IL255-2 Datasheet HTML 4Page - Vishay Siliconix IL255-2 Datasheet HTML 5Page - Vishay Siliconix IL255-2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IL255
Document Number 83619
Rev. 1.6, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Package Dimensions in Inches (mm)
i178004
.010 (.25)
typ.
.114 (2.90)
.130 (3.0)
.130 (3.30)
.150 (3.81)
.031 (0.80) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.048 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
pin one ID
6
5
4
1
2
3
18°
3°–9°
.300–.347
(7.62–8.81)
typ.
ISO Method A
.315 (8.0)
MIN.
.300 (7.62)
TYP.
.180 (4.6)
.160 (4.1)
.331 (8.4)
MIN.
.406 (10.3)
MAX.
.028 (0.7)
MIN.
Option 7
18494
min.
.315 (8.00)
.020 (.51)
.040 (1.02)
.300 (7.62)
ref.
.375 (9.53)
.395 (10.03)
.012 (.30) typ.
.0040 (.102)
.0098 (.249)
15° max.
Option 9


Similar Part No. - IL255-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL255 SIEMENS-IL255 Datasheet
81Kb / 2P
   BIDIRECTIONAL INPUT OPTOCOUPLER
More results

Similar Description - IL255-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL256AT VISHAY-IL256AT_08 Datasheet
124Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.8, 08-Jan-08
IL250 VISHAY-IL250_08 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.4, 09-May-08
H11AA1 VISHAY-H11AA1_11 Datasheet
150Kb / 7P
   Optocoupler, Phototransistor Output, AC Input with Base Connection
Rev. 1.7, 23-Feb-11
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
H11AA1 VISHAY-H11AA1_V01 Datasheet
147Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
IL250 VISHAY-IL250_V01 Datasheet
149Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
IL256AT VISHAY-IL256AT_V01 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
H11AA1 VISHAY-H11AA1 Datasheet
128Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.6, 08-May-08
IL250 VISHAY-IL250_V02 Datasheet
149Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
IL256AT VISHAY-IL256AT Datasheet
134Kb / 6P
   Optocoupler, Phototransistor Output, AC Input, With Base Connection
Rev. 1.4, 22-Apr-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com