Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27
Description  SOT-23, 3 Degree Celcious Accurate, 120-150 Degree Celcious Factory Preset Thermostat
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM27 Datasheet HTML 1Page - National Semiconductor (TI) LM27 Datasheet HTML 2Page - National Semiconductor (TI) LM27 Datasheet HTML 3Page - National Semiconductor (TI) LM27 Datasheet HTML 4Page - National Semiconductor (TI) LM27 Datasheet HTML 5Page - National Semiconductor (TI) LM27 Datasheet HTML 6Page - National Semiconductor (TI) LM27 Datasheet HTML 7Page - National Semiconductor (TI) LM27 Datasheet HTML 8Page - National Semiconductor (TI) LM27 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Ordering Information
For more detailed information on the suffix meaning see the part number template at the end of the Electrical Characteris-
tics Section. Contact National Semiconductor for other set points and output options.
Order Number
Top Mark
NS Package
Number
Trip Point Setting
Output Function
Bulk Rail
3000 Units in Tape & Reel
LM27CIM5-1HJ
LM27CIM5X-1HJ
T1HJ
MA05B
130˚C
Open Drain OS
LM27CIM5-2HJ
LM27CIM5X-2HJ
T2HJ
MA05B
140˚C
Open Drain OS
Connection Diagram
20030702
Pin Description
Pin Number
Pin Name
Function
Connection
1
HYST
Hysteresis control, digital
input
GND for 10˚C or V
+ for 2˚C
2
GND
Ground, connected to the
back side of the die through
lead frame.
System GND
3V
TEMP
Analog output voltage
proportional to temperature
Leave floating or connect to a high impedance
node.
4V
+
Supply input
2.7V to 5.5V with a 0.1µF bypass capacitor.
For PSRR information see Section Titled
NOISE CONSIDERATIONS.
5OS
Overtemperature Shutdown
open-drain active low
thermostat digital output
Controller interrupt, system or power supply
shutdown; pull-up resistor
≥ 10kΩ
OS
Overtemperature Shutdown
totem-pull active high
thermostat digital output
Controller interrupt, system or power supply
shutdown
US
Undertemperature Shutdown
open-drain active low
thermostat digital output
System or power supply shutdown; pull-up
resistor
≥ 10kΩ
US
Undertemperature Shutdown
totem-pull active high
thermostat digital output
System or power supply shutdown
Note: pin 5 functionality and trip point setting are programmed during LM27 manufacture.
www.national.com
2


Similar Part No. - LM27

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27 NSC-LM27 Datasheet
584Kb / 10P
   SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM27 TI1-LM27 Datasheet
1,015Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM27-2PLMDA NSC-LM27-2PLMDA Datasheet
237Kb / 10P
   짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
logo
Texas Instruments
LM27-2PLMDA TI1-LM27-2PLMDA Datasheet
1,015Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results

Similar Description - LM27

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
[Old version datasheet]   LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
logo
National Semiconductor ...
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
   SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM26 TI-LM26_15 Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
LM27 TI-LM27_15 Datasheet
981Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
logo
Texas Instruments
LM26NV TI-LM26NV_15 Datasheet
739Kb / 17P
[Old version datasheet]   LM26NV SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com