Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD610-1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ILD610-1
Description  Optocoupler, Phototransistor Output, Dual Channel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD610-1 Datasheet(HTML) 4 Page - Vishay Siliconix

  ILD610-1 Datasheet HTML 1Page - Vishay Siliconix ILD610-1 Datasheet HTML 2Page - Vishay Siliconix ILD610-1 Datasheet HTML 3Page - Vishay Siliconix ILD610-1 Datasheet HTML 4Page - Vishay Siliconix ILD610-1 Datasheet HTML 5Page - Vishay Siliconix ILD610-1 Datasheet HTML 6Page - Vishay Siliconix ILD610-1 Datasheet HTML 7Page - Vishay Siliconix ILD610-1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 83651
Rev. 1.6, 26-Oct-04
VISHAY
ILD610
Vishay Semiconductors
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Turn-off time
VCC = 5.0, RL = 1.0 kΩ, IF = 5.0 mA
ILD610-1
toff
18
µ
ILD610-2
toff
2.9
µ
ILD610-3
toff
3.4
µ
ILD610-4
toff
25
µ
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Figure 1. Forward Voltage vs. Forward Current
Figure 2. Normalized Non-Saturated and Saturated CTR vs. LED
Current
iilct6_01
IF - Forward Current - mA
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1. 3
1.4
Ta = –55°C
Ta = 25°C
Ta = 85°C
iilct6_02
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
VCE =10V,IF =10mA
TA= 25°C
CTRce(sat) VCE = 0.4 V
Figure 3. Normalized Non-Saturated and Saturated CTR vs. LED
Current
Figure 4. Normalized Non-Saturated and Saturated CTR vs. LED
Current
iilct6_03
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
ˇ
Normalized to:
VCE =10V,IF = 10 mA, TA= 25°C
TA= 50°C
CTRce(sat) VCE = 0.4 V
iilct6_04
100
10
1
.1
0.0
0.5
1.0
1.5
IF - LED Current - mA
NCTR(SAT)
NCTR
Normalized to:
VCE =10V,IF =10mA
TA= 25°C
CTRce(sat) VCE = 0.4 V
TA= 70°C


Similar Part No. - ILD610-1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD610-1 SIEMENS-ILD610-1 Datasheet
58Kb / 3P
   DUAL PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILD610-1 VISHAY-ILD610-1 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
More results

Similar Description - ILD610-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
TCET1200 VISHAY-TCET1200 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com