Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD610 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILD610
Description  Optocoupler, Phototransistor Output, Dual Channel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD610 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILD610 Datasheet HTML 1Page - Vishay Siliconix ILD610 Datasheet HTML 2Page - Vishay Siliconix ILD610 Datasheet HTML 3Page - Vishay Siliconix ILD610 Datasheet HTML 4Page - Vishay Siliconix ILD610 Datasheet HTML 5Page - Vishay Siliconix ILD610 Datasheet HTML 6Page - Vishay Siliconix ILD610 Datasheet HTML 7Page - Vishay Siliconix ILD610 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 83651
Rev. 1.6, 26-Oct-04
VISHAY
ILD610
Vishay Semiconductors
Output
Coupler
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter voltage
VCE
70
V
Collector current
IC
50
mA
t
≤ 1.0 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
Derate linearly from 25 °C
2.0
mW/°C
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage
t = 1.0 sec.
VISO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
VIO = 500 V,Tamb = 100 °C
RIO
≥ 1011
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Junction temperature
Tj
100
°C
Lead soldering time at 260 °C
10
sec.
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
25
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Collector-emitter breakdown
voltage
IC = 10 mA, IE = 10 µABVCEO
70
90
V
BVCEO
6.0
7.0
V
Collector-emitter dark current
VCE = 10 V
ICEO
2.0
50
nA
Collector-emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
7.0
pF
Collector-emitter leakage
current
VCE = 10 V
ILD610-1
ICEO
2.0
50
nA
ILD610-2
ICEO
2.0
50
nA
ILD610-3
ICEO
5.0
100
nA
ILD610-4
ICEO
5.0
100
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter saturation
voltage
IF = 10 mA, IC = 2.5 mA
VCEsat
0.25
0.40
V
Coupling capacitance
CC
0.35
pF


Similar Part No. - ILD610

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILD610 SIEMENS-ILD610 Datasheet
58Kb / 3P
   DUAL PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILD610 VISHAY-ILD610 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
logo
Siemens Semiconductor G...
ILD610-1 SIEMENS-ILD610-1 Datasheet
58Kb / 3P
   DUAL PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILD610-1 VISHAY-ILD610-1 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
logo
Siemens Semiconductor G...
ILD610-2 SIEMENS-ILD610-2 Datasheet
58Kb / 3P
   DUAL PHOTOTRANSISTOR OPTOCOUPLER
More results

Similar Description - ILD610

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
TCET1200 VISHAY-TCET1200 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com