Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY117F-2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # CNY117F-2
Description  Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY117F-2 Datasheet(HTML) 7 Page - Vishay Siliconix

  CNY117F-2 Datasheet HTML 1Page - Vishay Siliconix CNY117F-2 Datasheet HTML 2Page - Vishay Siliconix CNY117F-2 Datasheet HTML 3Page - Vishay Siliconix CNY117F-2 Datasheet HTML 4Page - Vishay Siliconix CNY117F-2 Datasheet HTML 5Page - Vishay Siliconix CNY117F-2 Datasheet HTML 6Page - Vishay Siliconix CNY117F-2 Datasheet HTML 7Page - Vishay Siliconix CNY117F-2 Datasheet HTML 8Page - Vishay Siliconix CNY117F-2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CNY117F
Document Number 83598
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
7
Figure 15. Normalized HFE vs. Base Current
Figure 16. Normalized HFE vs. Base Current
Figure 17. Normalized Photocurrent vs. Forward current
0.7
0.8
0.9
1.0
1.1
1.2
0.10
1.00
10.00
100.00
IB – Base Current ( mA )
17581
Normalized to
IB = 20 A, Tamb = 25_C,
VCE= 5 V, non–saturated
110 C
0 C
50 C
25 C
–55 C
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.01
0.10
1.00
10.00
100.00
IB – Base Current ( mA )
17582
Normalized to
IB = 20 A, Tamb = 25_C,
VCE= 0.4 V, saturated
110 C
0 C
50 C
25 C
–55 C
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
I
– Forward Current (mA)
18786
0°C
25 °C
50 °C
75 °C
F
Normalized to I = 10 mA,
Temp = 25°C and
F
CE
V= 5 V


Similar Part No. - CNY117F-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY117 VISHAY-CNY117 Datasheet
166Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Rev. 1.4, 10-Jan-05
More results

Similar Description - CNY117F-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY117 VISHAY-CNY117 Datasheet
166Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Rev. 1.4, 10-Jan-05
CNY17F VISHAY-CNY17F_08 Datasheet
135Kb / 10P
   Optocoupler, Phototransistor Output,no Base Connection
Rev. 1.5, 07-May-08
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com