Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3403-29ST Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM3403-29ST
Description  Micropower Supply Voltage Supervisor (SVS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3403-29ST Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM3403-29ST Datasheet HTML 1Page - California Micro Devices Corp CM3403-29ST Datasheet HTML 2Page - California Micro Devices Corp CM3403-29ST Datasheet HTML 3Page - California Micro Devices Corp CM3403-29ST Datasheet HTML 4Page - California Micro Devices Corp CM3403-29ST Datasheet HTML 5Page - California Micro Devices Corp CM3403-29ST Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
10/29/04
CM3403
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
PIN DESCRIPTIONS
PIN(S)
NAME
DESCRIPTION
1
GND
Negative reference for all signals.
2
RESET
Active low reset output. When the sense threshold has been exceeded, the RESET signal will
remain active for an additional 140ms (min.) after which it becomes inactive. During a "brownout"
condition, RESET will immediately become active. Internal circuitry ensures RESET will remain
active even when the supply voltage is as low as 0V.
3VCC
Supply input signal which is monitored by the sense comparator. This input is compared to the
2.93V (CM3403-29ST/SO) or 4.63 (CM3403-46ST/SO) reference to determine the state of the out-
put.
PACKAGE / PINOUT DIAGRAM
Note: This drawing is not to scale.
3-pin SOT23
GND
RESET
VCC
1
2
3
Top View
PART NUMBERING INFORMATION
Pins
Threshold
Voltage
Package
Standard Finish
Lead-free Finish
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
3
2.93V
SOT23-3
CM3403-29ST
172Y
CM3403-29SO
172R
3
4.63V
SOT23-3
CM3403-46ST
174Y
CM3403-46SO
174R


Similar Part No. - CM3403-29ST

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3400 CALMIRCO-CM3400 Datasheet
218Kb / 9P
   Micropower, Universal Supply Voltage Supervisor (SVS)
CM3400-00MS CALMIRCO-CM3400-00MS Datasheet
218Kb / 9P
   Micropower, Universal Supply Voltage Supervisor (SVS)
CM3400-00SN CALMIRCO-CM3400-00SN Datasheet
218Kb / 9P
   Micropower, Universal Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3404-40ST CALMIRCO-CM3404-40ST Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
More results

Similar Description - CM3403-29ST

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3400 CALMIRCO-CM3400 Datasheet
218Kb / 9P
   Micropower, Universal Supply Voltage Supervisor (SVS)
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Microchip Technology
MIC2774 MICROCHIP-MIC2774 Datasheet
1Mb / 18P
   Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com