Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG55454BL Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG55454BL
Description  DUAL PERIPHERAL POSITIVE NOR DRIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG55454BL Datasheet(HTML) 2 Page - Microsemi Corporation

  SG55454BL Datasheet HTML 1Page - Microsemi Corporation SG55454BL Datasheet HTML 2Page - Microsemi Corporation SG55454BL Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SG55451B/61/71 SERIES
5/92 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞ FAX: (714) 893-2570
Supply Voltage (V
CC) ............................................................
Input Voltage .....................................................................
Interemitter Voltage ...........................................................
Off-state Output Voltage
X5451B Series ................................................................
X5461 Series ..................................................................
X5471 Series ..................................................................
7V
5.5V
5.5V
30V
35V
70V
ABSOLUTE MAXIMUM RATINGS (Note 1)
Output Current .............................................................
Continuous Total Dissipation at (or below)
25°C Free-Air Temperature .....................................
Operating Junction Temperature
Hermetic (Y, L Packages) ..........................................
Storage Temperature Range ..........................
Lead Temperature (1/16 inch from case
for soldering 60 sec.) .................................................
400mA
800mW
150
°C
-65
°C to 150°C
300
°C
Note 1. Exceeding these ratings could cause damage to the device.
Y Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
50°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............ 130°C/W
L Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
35°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ............ 120°C/W
THERMAL DATA
Note A. Junction Temperature Calculation: T
J = TA + (PD x θJA).
Note B. The above numbers for
θ
JC are maximums for the limiting
thermal resistance of the package in a standard mount-
ing configuration. The
θ
JA numbers are meant to be
guidelines for the thermal performance of the device/pc-
board system. All of the above assume no ambient
airflow.
Min. Typ. Max. Min. Typ. Max.
SG55451B
SG55461
SG55471
SG75451B
SG75461
SG75471
Test Conditions
Parameter
Units
-1.2
0.25
0.5
-1.0
8
52
56
56
0.8
-1.5
300
0.5
0.8
1.0
60
-1.6
11
65
76
76
-1.2
0.25
0.5
-1.0
8
52
56
56
High-level Input Voltage (V
IH)
Low-level Input Voltage (V
IL)
Input Clamp Voltage (V
IK)
High-level Output Current (I
OH)
Low-level Output Voltage (V
OL)
Input Current at Max V
IN
(I
IN)
High-level Input Current (I
IH )
Low-level Input Current (I
IL)
Supply Current, Outputs High
Supply Current, Outputs Low
V
V
V
µA
V
V
mA
µA
mA
mA
mA
mA
mA
0.8
-1.5
100
0.4
0.7
1.0
60
-1.6
11
65
76
76
22
V
CC =
MIN, I
IN = -12mA
V
CC = MIN, VIH = 2V,
V
OH = 30V
SGX5451B
V
OH = 35V
SGX5461
V
OH = 70V
SGX5471
V
CC = MIN, VIL = 0.8V, IOL = 100mA
V
CC = MIN, VIL = 0.8V, IOL = 300mA
V
CC = MAX, VIN = 5.5V
V
CC = MAX, VIN = 2.4V
V
CC = MAX, VIN = 0.4V
V
CC = MAX, VIN = 5V
V
CC = MAX, VIN = 0V
SGX5451B
SGX5461
SGX5471
4.5V to 5.5V
4.75V to 5.25V
Supply Voltage (V
CC)
SG55451B, SG55461, SG55471 .......................
SG75451B, SG75461, SG75471 ...................
Operating Ambient Temperature Range
SG55451B, SG55461, SG55471 ...................
SG75451B, SG75461, SG75471 ........................
-55
°C to 125°C
0
°C to 70°C
Note 2. Range over which device is functional.
Note 3. The substrate (pin 8) must always be at the most-negative device voltage for proper operation.
RECOMMENDED OPERATING CONDITIONS (Notes 2 & 3)
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG55451B/461/471 with -55
°C ≤ T
A ≤ 125 °C, and
SG75451B/461/471 with 0
°C ≤ T
A ≤ 70 °C.
Typical values are tested at V
CC = 5V, and T A = 25°C.
Low duty cycle pulse testing techniques are used
which maintains junction and case temperatures equal to the ambient temperature.)


Similar Part No. - SG55454BL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG55451B MICROSEMI-SG55451B Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
SG55451BL MICROSEMI-SG55451BL Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
SG55451BL/883B MICROSEMI-SG55451BL/883B Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
SG55451BY MICROSEMI-SG55451BY Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
SG55451BY/883B MICROSEMI-SG55451BY/883B Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
More results

Similar Description - SG55454BL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG55451B MICROSEMI-SG55451B Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
logo
Texas Instruments
SN65472-EP TI1-SN65472-EP Datasheet
744Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
SN65472-EP TI1-SN65472-EP_16 Datasheet
746Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02 TI-SN74AUC2G02_09 Datasheet
537Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
74LVC2G02 UTC-74LVC2G02_15 Datasheet
165Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AUC2G02 TI-SN74AUC2G02 Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02 TI-SN74LVC2G02 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NOR GATE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com