Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2486BRW-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # ADM2486BRW-REEL
Description  High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2486BRW-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM2486BRW-REEL Datasheet HTML 7Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 8Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 9Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 10Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 11Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 12Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 13Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 14Page - Analog Devices ADM2486BRW-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADM2486
Rev. C | Page 11 of 20
SWITCHING CHARACTERISTICS
tPAHL
tPBHL
tPALH
tPBLH
VDD1
0V
VO
B
A
VOH
A, B
VOL
0.5VDD1
0.5VDD1
tSKEW
tF
tR
10% POINT
10% POINT
90% POINT
90% POINT
1/2VO
tSKEW
tPWD = |tPALH – tPAHL|, |tPBLH – tPBHL|
Figure 12. Driver Propagation Delay, Rise/Fall Timing
A– B
RxD
0V
0V
1.5V
1.5V
tPLH
tSKEW = |tPLH – tPHL|
tPHL
VOH
VOL
Figure 13. Receiver Propagation Delay
tLZ
tZL
tHZ
tZH
VOH – 0.5V
VOH + 0.5V
A, B
A, B
RTS
0.7VDD1
0.3VDD1
0.5VDD1
0.5VDD1
2.3V
2.3V
VOL
VOH
0V
Figure 14. Driver Enable/Disable Timing
0.7VDD1
0.3VDD1
0.5VDD1
0.5VDD1
VOH
VOL
O/P LOW
O/P HIGH
tLZ
tZL
tHZ
tZH
VOH – 0.5V
VOL + 0.5V
1.5V
1.5V
RxD
RxD
RE
0V
Figure 15. Receiver Enable/Disable Timing


Similar Part No. - ADM2486BRW-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2486BRW-REEL AD-ADM2486BRW-REEL Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
More results

Similar Description - ADM2486BRW-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
   Half-Duplex iCoupler-R Isolated RS-485 Transceiver
Rev. 0
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2490E_VA AD-ADM2490E_VA Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2486 AD-ADM2486_15 Datasheet
450Kb / 20P
   High Speed, Half-Duplex Coupler Isolated RS-485 Transceiver
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com