Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5551 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N5551
Description  mplifier Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5551 Datasheet(HTML) 4 Page - ON Semiconductor

  2N5551 Datasheet HTML 1Page - ON Semiconductor 2N5551 Datasheet HTML 2Page - ON Semiconductor 2N5551 Datasheet HTML 3Page - ON Semiconductor 2N5551 Datasheet HTML 4Page - ON Semiconductor 2N5551 Datasheet HTML 5Page - ON Semiconductor 2N5551 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N5550, 2N5551
http://onsemi.com
4
Figure 2. Collector Saturation Region
IB, BASE CURRENT (mA)
1.0
IC = 1.0 mA
0
0.3
0.005
0.01
0.2
0.5
1.0
2.0
20
50
0.8
0.5
0.4
0.9
0.7
0.6
0.2
0.02
0.05
0.1
10
0.1
10 mA
30 mA
100 mA
5.0
Figure 3. Collector Cut−Off Region
IC, COLLECTOR CURRENT (mA)
1.0
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
2.5
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
qVC for VCE(sat)
qVB for VBE(sat)
0.1
0.2
0.5
Figure 4. “On” Voltages
VBE, BASE−EMITTER VOLTAGE (VOLTS)
101
10−5
Figure 5. Temperature Coefficients
TJ = −55°C to +135°C
0.4
0.3
0.1
0.8
0.6
0.4
0.2
0
100
10−1
10−2
10−3
10−4
0.2
0
0.1
0.2
0.4
0.3
0.6
0.5
VCE = 30 V
TJ = 125°C
75°C
25°C
IC = ICES
3.0
30
2.0
1.5
1.0
0.5
0
− 0.5
− 1.0
− 1.5
− 2.0
− 2.5
REVERSE
FORWARD
0.3
1.0
2.0
5.0
10
20
50
100
0.1
0.2
0.5
3.0
30
0.3


Similar Part No. - 2N5551

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
2N5551 HOTTECH-2N5551 Datasheet
185Kb / 2P
   Plastic-Encapsulate Transistors
logo
Semtech Corporation
2N5551 SEMTECH-2N5551 Datasheet
131Kb / 2P
   NPN Silicon Expitaxial Planar Transistor for general purpose, high voltage amplifier applications????
logo
NXP Semiconductors
2N5551 NXP-2N5551 Datasheet
59Kb / 7P
   NPN high-voltage transistors
2004 Oct 28
logo
Weitron Technology
2N5551 WEITRON-2N5551 Datasheet
171Kb / 4P
   NPN Transistors
logo
Tiger Electronic Co.,Lt...
2N5551 TGS-2N5551 Datasheet
51Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2N5551

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com