Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57164-K102 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # B57164-K102
Description  Temperaturmessung Bedrahtete Scheiben
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B57164-K102 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button B57164-K102 Datasheet HTML 7Page - Siemens Semiconductor Group B57164-K102 Datasheet HTML 8Page - Siemens Semiconductor Group B57164-K102 Datasheet HTML 9Page - Siemens Semiconductor Group B57164-K102 Datasheet HTML 10Page - Siemens Semiconductor Group B57164-K102 Datasheet HTML 11Page - Siemens Semiconductor Group B57164-K102 Datasheet HTML 12Page - Siemens Semiconductor Group B57164-K102 Datasheet HTML 13Page - Siemens Semiconductor Group B57164-K102 Datasheet HTML 14Page - Siemens Semiconductor Group B57164-K102 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Siemens Matsushita Components
121
140,0
145,0
150,0
155,0
160,0
165,0
170,0
175,0
180,0
0,08746
0,08100
0,07515
0,06984
0,06501
0,06061
0,05659
0,05292
0,04956
1,6
1,5
1,5
1,4
1,4
1,4
1,4
1,3
1,3
0,058733
0,053561
0,048933
0,044793
0,041077
0,037736
0,034726
0,032009
0,029553
1,9
1,8
1,8
1,8
1,7
1,7
1,6
1,6
1,6
0,056844
0,051849
0,047384
0,043383
0,039788
0,036552
0,033632
0,030993
0,028604
1,9
1,8
1,8
1,8
1,7
1,7
1,7
1,6
1,6
0,045227
0,041008
0,037262
0,033961
0,031019
0,028389
0,026034
0,023920
0,022018
2,0
1,9
1,9
1,8
1,8
1,8
1,7
1,7
1,7
Nummer 1301
1302
1303
1304
T (
°C)
B25/100 = 2600 K
B25/100 = 3000 K
B25/100 = 3050 K
B25/100 = 3300 K
RT/R25
α (%/K) R
T/R25
α (%/K) R
T/R25
α (%/K) R
T/R25
α (%/K)
Normierte R/T-Kennlinien


Similar Part No. - B57164-K102

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57164K EPCOS-B57164K Datasheet
362Kb / 24P
   NTC thermistors for temperature measurement
B57164K0101+000 EPCOS-B57164K0101+000 Datasheet
61Kb / 3P
   Leaded Disks
B57164K0101000 EPCOS-B57164K0101000 Datasheet
557Kb / 30P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57164K0101000 TDK-B57164K0101000 Datasheet
584Kb / 30P
   NTC thermistors for temperature measurement
logo
EPCOS
B57164K0101J000 EPCOS-B57164K0101J000 Datasheet
362Kb / 24P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com