Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6628WG-QMLV Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6628WG-QMLV
Description  DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6628WG-QMLV Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6628WG-QMLV Datasheet HTML 1Page - National Semiconductor (TI) LMH6628WG-QMLV Datasheet HTML 2Page - National Semiconductor (TI) LMH6628WG-QMLV Datasheet HTML 3Page - National Semiconductor (TI) LMH6628WG-QMLV Datasheet HTML 4Page - National Semiconductor (TI) LMH6628WG-QMLV Datasheet HTML 5Page - National Semiconductor (TI) LMH6628WG-QMLV Datasheet HTML 6Page - National Semiconductor (TI) LMH6628WG-QMLV Datasheet HTML 7Page - National Semiconductor (TI) LMH6628WG-QMLV Datasheet HTML 8Page - National Semiconductor (TI) LMH6628WG-QMLV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MICROCIRCUIT DATA SHEET
MNLMH6628-X-RH REV 0A0
Features
- Wide unity-gain bandwidth: 300 MHz
- Low noise: 2.0nV/SqRtHz
- Low distortion: -65/-74dBc (10MHz)
- Settling time: 12ns to 0.1%
- Wide supply voltage range: +2.5V to +6V
- High output current +85mA
- Improved replacement for CLC428
CONTROLLING DOCUMENTS:
LMH6628J-QML
5962-0254501MPA
LMH6628J-QMLV
5962-0254501VPA
LMH6628JFQML
5962F0254501MPA
LMH6628JFQMLV
5962F0254501VPA
LMH6628WG-QML
5962-0254501MZA
LMH6628WG-QMLV
5962-0254501VZA
LMH6628WGFQML
5962F0254501MZA
LMH6628WGFQMLV
5962F0254501VZA
Applications
- High speed dual op amp
- Low noise integrators
- Low noise active filters
- Driver/receiver for transmission systems
- High-speed detectors
- I/Q channel amplifiers
2


Similar Part No. - LMH6628WG-QMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6628WG-QML TI1-LMH6628WG-QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
LMH6628WG-QML TI1-LMH6628WG-QML Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results

Similar Description - LMH6628WG-QMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM136A NSC-MNLM136A Datasheet
110Kb / 8P
   2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
LM136AH NSC-LM136AH Datasheet
110Kb / 8P
   2.5V REFERENCE DIODE, GUARANTEED TO 100K RADSi TESTED TO MIL-STD-883, METHOD 1019.5
MNDS26F32M-X-RH NSC-MNDS26F32M-X-RH Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628EP NSC-LMH6628EP Datasheet
534Kb / 16P
   Enhanced Plastic Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com