Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5302 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N5302
Description  POWER TRANSISTORS NPN SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5302 Datasheet(HTML) 3 Page - ON Semiconductor

  2N5302 Datasheet HTML 1Page - ON Semiconductor 2N5302 Datasheet HTML 2Page - ON Semiconductor 2N5302 Datasheet HTML 3Page - ON Semiconductor 2N5302 Datasheet HTML 4Page - ON Semiconductor 2N5302 Datasheet HTML 5Page - ON Semiconductor 2N5302 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N5301 2N5302 2N5303
3
Motorola Bipolar Power Transistor Device Data
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Figure 2. Turn–On time
INPUT PULSE
tr ≤ 20 ns
PW = 10 to 100
µs
DUTY CYCLE = 2.0%
+11 V
– 2.0 V
10
VCC
+ 30 V
3.0
TO
SCOPE
tr ≤ 20 ns
Figure 3. Turn–Off time
INPUT PULSE
tr ≤ 20 ns
PW = 10 to 100
µs
DUTY CYCLE = 2.0%
+11 V
– 9.0 V
10
VCC
+ 30 V
3.0
TO
SCOPE
tr ≤ 20 ns
0
D
VBB = 7.0 V
Figure 4. Thermal Response
t, TIME (ms)
1.0
0.01
0.02
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.03 0.05 0.1
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20
30
50
100
200 300
2000
500
θJC(t) = r(t) θJC
θJC = 0.875°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
100
1.0
Figure 5. Active–Region Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
50
20
10
5.0
2.0
1.0
0.5
0.1
2.0
3.0
5.0
10
20
30
100
Secondary Breakdown Limited
Bonding Wire Limited
Thermal Limitations
Pulse Duty Cycle
≤ 10%
50
0.2
2N5303
TJ = 200°C
2N5301, 5302
100
µs
1.0 ms
5.0 ms
Figure 6. Capacitance versus Voltage
3000
0.5
VR, REVERSE VOLTAGE (VOLTS)
100
5.0 7.0
20
30
50
10
1.0
2.0
3.0
500
300
200
TJ = 25°C
Cib
Cob
TC = 25°C
2N5301
2N5302
2N5303
2000
1000
1000
dc


Similar Part No. - 2N5302

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5302 MOSPEC-2N5302 Datasheet
178Kb / 4P
   POWER TRANSISTORS(200W)
logo
Savantic, Inc.
2N5302 SAVANTIC-2N5302 Datasheet
116Kb / 3P
   Silicon NPN Power Transistors
logo
Wing Shing Computer Com...
2N5302 WINGS-2N5302 Datasheet
47Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Inchange Semiconductor ...
2N5302 ISC-2N5302 Datasheet
221Kb / 2P
   isc Silicon NPN Power Transistors
logo
Microsemi Corporation
2N5302 MICROSEMI-2N5302 Datasheet
68Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR
More results

Similar Description - 2N5302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com