Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML66Q525B Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML66Q525B
Description  16-Bit Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66Q525B Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML66Q525B Datasheet HTML 5Page - OKI electronic componets ML66Q525B Datasheet HTML 6Page - OKI electronic componets ML66Q525B Datasheet HTML 7Page - OKI electronic componets ML66Q525B Datasheet HTML 8Page - OKI electronic componets ML66Q525B Datasheet HTML 9Page - OKI electronic componets ML66Q525B Datasheet HTML 10Page - OKI electronic componets ML66Q525B Datasheet HTML 11Page - OKI electronic componets ML66Q525B Datasheet HTML 12Page - OKI electronic componets ML66Q525B Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
FEDL66525-02
OKI Semiconductor
ML66525 Family
9/27
Description
Classification
Symbol
Type
Primary function
Type
Secondary function
P9_0/VBUSIN
I/O
1-bit I/O port
Pull-up resistors can be
specified.
I
Vbus detect external interrupt
input pin (5V tolerant input)
P10_0/SIOCK3
I/O
SIO3 transmit-receive clock I/O
pin
P10_1/SIOI3
I
SIO3 receive data input pin
P10_2/SIOO3
O
SIO3 transmit data input pin
P10_3/SIOCK4
I/O
SIO4 (with internal 32-byte
FIFO) transmit-receive clock I/O
pin
P10_4/SIOO4
O
SIO4 (with internal 32-byte
FIFO) transmit data output pin
P10_5/SIOI4
I/O
6-bit I/O port
Pull-up resistors can be
specified for each bit.
I
SIO4 (with internal 32-byte
FIFO) receive data output pin
P12_0/AI0 to
P12_3/AI3
I
4-bit input port
I
A/D converter analog input port
P13_0/EXINT8
I
External interrupt 8 input pin
P13_1/EXINT9
I
2-bit input port
I
External interrupt 9 input pin
P15_0/RXD6
I
SIO6 receive data input pin
P15_1/TXD6
O
SIO6 transmit data output pin
P15_2/RXC6
I/O
SIO6 receive clock I/O pin
P15_3/TXC6
I/O
4-bit I/O port
Pull-up resistors can be
specified for each bit.
I/O
SIO6 transmit clock I/O pin
P20_0/FD0
to
P20_7/FD7
I/O
8-bit I/O port
Pull-up resistors can be
specified for each bit.
I/O
NAND Flash Memory access
data I/O port
P21_0/FRDn
I/O
O
NAND Flash Memory access
read strobe output pin
P21_1/FWRn
I/O
O
NAND Flash Memory access
write strobe output pin
P21_2/FCLE
I/O
O
NAND Flash Memory access
CLE strobe output pin
P21_3/FALE
I/O
O
NAND Flash Memory access
ALE strobe output pin
Port
P21_4/FRB
I/O
5-bit I/O port
Pull-up resistors can be
specified for each bit.
I
NAND Flash Memory access
Ready/Busy input pin


Similar Part No. - ML66Q525B

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
   High-Speed Data Quantizer
ML6622CS MICRO-LINEAR-ML6622CS Datasheet
94Kb / 6P
   High-Speed Data Quantizer
ML6622IS MICRO-LINEAR-ML6622IS Datasheet
94Kb / 6P
   High-Speed Data Quantizer
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
   High Speed Fiber Optic LED Driver
ML6633CS MICRO-LINEAR-ML6633CS Datasheet
93Kb / 5P
   High Speed Fiber Optic LED Driver
More results

Similar Description - ML66Q525B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com