Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68307AD Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC68307AD
Description  Technical Summary Integrated Multiple-Bus Processor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68307AD Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC68307AD Datasheet HTML 6Page - Motorola, Inc MC68307AD Datasheet HTML 7Page - Motorola, Inc MC68307AD Datasheet HTML 8Page - Motorola, Inc MC68307AD Datasheet HTML 9Page - Motorola, Inc MC68307AD Datasheet HTML 10Page - Motorola, Inc MC68307AD Datasheet HTML 11Page - Motorola, Inc MC68307AD Datasheet HTML 12Page - Motorola, Inc MC68307AD Datasheet HTML 13Page - Motorola, Inc MC68307AD Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
MC68307 TECHNICAL INFORMATION
MOTOROLA
External Bus Interface
The external bus interface handles the transfer of information between the internal EC000 core and the memory,
peripherals, or other processing elements in the external address space. It consists of a 68000 bus interface and
an 8051-compatible bus interface. The external 68000 bus provides up to 24 address lines and 16 data lines.
Each bus access can appear externally either as a 68000 bus cycle (either 16-bit or 8-bit dynamic data bus width)
or as an 8-bit wide 8051-compatible bus cycle (multiplexing 8 bits of address and data) with the appropriate sets
of control signals.
Parallel General-Purpose I/O Ports
The MC68307 supports two general-purpose I/O ports, port A (8-bits) and port B (16-bits), whose pins can be
configured as general-purpose I/O pins or as dedicated peripheral interface pins for the on-chip modules.
Each port pin can be independently programmed as general-purpose I/O pins, even when other pins related to
the same on-chip peripheral are used as dedicated pins. Even if all the pins for a particular peripheral are
configured as general-purpose I/O, the peripheral will still operate normally (although this is only useful in the
case of the timer module). Power consumption may be reduced by turning off unused modules.
Interrupt Controller
The interrupt controller supports interrupts from three sources. The first source is an external, nonmaskable
interrupt input on the IRQ7 signal, which always causes an interrupt priority level 7 request to the EC000 core.
Assuming no other source is programmed as a level 7 source, this input will always obtain the immediate
attention of the core.
The second source is an external interrupt received through the 8-channel latched interrupt port (INT8–INT1).
Each INTx signal can be programmed with an interrupt priority level, and each can have pending interrupts
cleared independently of the others.
The third source of interrupts is the on-chip peripherals. The interrupt controller allows the user to assign the
interrupt priority level each of the four on-chip peripherals will use, and to determine a particular vector number
to be presented when the respective module receives an interrupt acknowledge from the processor via the
interrupt controller logic.
Software Watchdog
A software watchdog timer is used to protect against system failures by providing a means to escape from
unexpected input conditions, external events, or programming errors. Once started, the software watchdog timer
must be cleared by software on a regular basis so that it never reaches its time-out value. Upon reaching the
time-out value, the assumption is made that a system failure has occurred, and the software watchdog logic
resets the MC68307.


Similar Part No. - MC68307AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
MC68302 MOTOROLA-MC68302 Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68302 FREESCALE-MC68302 Datasheet
196Kb / 4P
   MC68302 Family Application Development System
MC68302 FREESCALE-MC68302 Datasheet
196Kb / 4P
   MC68302 Family Application Development System
More results

Similar Description - MC68307AD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC11ED0 FREESCALE-MC68HC11ED0 Datasheet
1Mb / 108P
   Technical Summary
logo
NXP Semiconductors
MGT5100TS NXP-MGT5100TS Datasheet
352Kb / 12P
   Microprocessor Technical Summary
Rev. 0, 04/2002
MPC5200TS NXP-MPC5200TS Datasheet
274Kb / 12P
   MPC5200 Microprocessor Technical Summary
Rev. 3, 08/2004
logo
Motorola, Inc
MPC859TTS MOTOROLA-MPC859TTS Datasheet
309Kb / 12P
   PowerQUICC??Family Technical Summary
MC68HC11 MOTOROLA-MC68HC11 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11FC0 FREESCALE-MC68HC11FC0 Datasheet
5Mb / 68P
   Technical Summary 8-Bit Microcontroller
logo
Motorola, Inc
MC68HC11F1 MOTOROLA-MC68HC11F1 Datasheet
486Kb / 68P
   Technical Summary 8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC11C0TS NXP-MC68HC11C0TS Datasheet
894Kb / 76P
   Technical Summary 8-Bit Microcontroller
MPC604 NXP-MPC604 Datasheet
469Kb / 32P
   PowerPCTM 604 RISC Microprocessor Technical Summary
REV 1
BDMTECHSUM NXP-BDMTECHSUM Datasheet
218Kb / 3P
   BDM Multilink Rev B Technical Summary
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com