Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5301 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N5301
Description  POWER TRANSISTORS NPN SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5301 Datasheet(HTML) 5 Page - ON Semiconductor

  2N5301 Datasheet HTML 1Page - ON Semiconductor 2N5301 Datasheet HTML 2Page - ON Semiconductor 2N5301 Datasheet HTML 3Page - ON Semiconductor 2N5301 Datasheet HTML 4Page - ON Semiconductor 2N5301 Datasheet HTML 5Page - ON Semiconductor 2N5301 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N5301 2N5302 2N5303
5
Motorola Bipolar Power Transistor Device Data
103
– 0.4
Figure 13. Collector Cut–Off Region
VBE, BASE–EMITTER VOLTAGE (VOLTS)
102
101
100
10–1
10– 2
10– 3
– 0.3
– 0.2 – 0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
VCE = 30 V
TJ = 175°C
100
°C
25
°C
REVERSE
FORWARD
IC = ICES
+ 2.5
0.03
Figure 14. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.05
0.1
0.3
0.5
1.0
3.0
5.0
10
30
+ 2.0
+ 1.5
+ 0.5
0
– 0.5
– 1.0
– 1.5
– 2.0
– 2.5
θVB for VBE(sat)
*
θVC for VCE(sat)
TJ = – 55°C to +175°C
*APPLIES FOR IC/IB <
hFE @ VCE + 2.0 V
2
+ 1.0


Similar Part No. - 2N5301

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5301 MOSPEC-2N5301 Datasheet
178Kb / 4P
   POWER TRANSISTORS(200W)
logo
List of Unclassifed Man...
2N5301 ETC-2N5301 Datasheet
347Kb / 8P
   Power Transistors
logo
Solid States Devices, I...
2N5301 SSDI-2N5301 Datasheet
199Kb / 2P
   200 WATT NPN SILICON POWER TRANSISTOR
logo
Savantic, Inc.
2N5301 SAVANTIC-2N5301 Datasheet
114Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N5301 ISC-2N5301 Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N5301

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com