Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMR10H100CTC3R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GMR10H100CTC3R
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GMR10H100CTC3R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GMR10H100CTC3R Datasheet HTML 1Page - List of Unclassifed Manufacturers GMR10H100CTC3R Datasheet HTML 2Page - List of Unclassifed Manufacturers GMR10H100CTC3R Datasheet HTML 3Page - List of Unclassifed Manufacturers GMR10H100CTC3R Datasheet HTML 4Page - List of Unclassifed Manufacturers GMR10H100CTC3R Datasheet HTML 5Page - List of Unclassifed Manufacturers GMR10H100CTC3R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
100
10
1
0.1
0.01
0.1
1
10
t-Pulse duration (sec)
Figure 5. Typical Transient Thermal Impedance
6.0
5.0
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
Case Temperature (°C)
Figure 1. Forward Derating Curve
100
10
1.0
0.1
0
0.1
0.3
0.5
0.7
0.9
1.1
Figure 2. Typical Instantaneous Forward
Characteristics
T = 25°C
J
T = 175
J
°C
T = -40
J
T = 100°C
J
T =125°C
J
T = 150°C
J
Instantaneous Forward Voltage (V)
10000
1000
100
10
1.0
0.1
0.01
20
40
60
80
100
Percent of Peak Reverse Voltage (%)
T = 150°C
J
T =125°C
J
T = 100°C
J
T =25°C
J
Figure 3. Typical Reverse Characteristics
1000
100
10
0.1
1
10
100
Figure 4. Typical Junction Capacitance
Reverse Voltage (V)
4
GMR10H100C
Typical Performance Characteristics


Similar Part No. - GMR10H100CTC3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMR10H100CTC3R GAMMA-GMR10H100CTC3R Datasheet
134Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - GMR10H100CTC3R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com