Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2764BE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2764BE
Description  High-Precision Li Battery Monitor with 2-Wire Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764BE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2764BE Datasheet HTML 2Page - Maxim Integrated Products DS2764BE Datasheet HTML 3Page - Maxim Integrated Products DS2764BE Datasheet HTML 4Page - Maxim Integrated Products DS2764BE Datasheet HTML 5Page - Maxim Integrated Products DS2764BE Datasheet HTML 6Page - Maxim Integrated Products DS2764BE Datasheet HTML 7Page - Maxim Integrated Products DS2764BE Datasheet HTML 8Page - Maxim Integrated Products DS2764BE Datasheet HTML 9Page - Maxim Integrated Products DS2764BE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor With 2-Wire Interface
6 of 20
PIN DESCRIPTION
PIN
TSSOP
FLIP
CHIP
SYMBOL
FUNCTION
1
C1
CC
Charge Protection Control Output. Controls an external P-channel high-side charge
protection FET.
2
B1
PLS
Battery Pack Positive Terminal Input. The DS2764 monitors the pack plus terminal
through PLS to detect overload and short circuit removal, as well as the presence or
removal of a charge source. Additionally, a charge path to recover a deeply depleted cell
is provided from PLS to VDD. In sleep mode, any capacitance or voltage source
connected to PLS is discharged internally to VSS through 200µA (nominal) to assure
reliable detection of a valid charge source. For details of other internal connections to
PLS and associated conditions see the Li+ Protection Circuitry section.
3
B2
DC
Discharge Protection Control Output. Controls an external P-channel high-side
discharge protection FET.
4, 5, 6
A3
SNS
Sense Resistor Connection. Connect to the negative terminal of the battery pack. In
the internal sense resistor configuration, the sense resistor is connected between VSS
and SNS.
7
B4
PS
Power Switch Sense Input. The device wakes up from sleep mode when it senses the
closure of a switch to VSS on this pin. Pin has an internal 1
mA pull-up to VDD.
8
C4
IS2
Current-Sense Input. This pin is internally connected to SNS through a 4.7k
W resistor.
9
D4
IS1
Current-Sense Input. This pin is internally connected to VSS through a 4.7k
W resistor.
Connect a 0.1
mF capacitor between IS1 and IS2 to complete a low pass input filter.
10
E4
SDA
Serial Data Input/Out. 2-Wire data line. Open-drain output driver. Connect this pin to
the DATA terminal of the battery pack. Pin has an internal 1
mA pulldown for sensing
disconnection.
11, 12, 13
F3
VSS
Device Ground. Connect directly to the negative terminal of the Li+ cell. For the external
sense resistor configuration, connect the sense resistor between VSS and SNS.
14
E2
SCL
Serial Clock Input. 2-Wire clock line. Input only. Connect this pin to the CLOCK
terminal of the battery pack. Pin has an internal 1
mA pulldown for sensing disconnection.
15
E1
VDD
Power-Supply Input. Connect to the positive terminal of the Li+ cell through a
decoupling network.
16
D1
VIN
Voltage Sense Input. The voltage of the Li+ cell is monitored through this input pin. This
pin has a weak pull-up to VDD.
C2
SNS
Probe
Do not connect.
D2
VSS
Probe
Do not connect.


Similar Part No. - DS2764BE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2764BE++ MAXIM-DS2764BE+ Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764BE+025* MAXIM-DS2764BE+025* Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764BE+025/T&R* MAXIM-DS2764BE+025/T&R* Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764BE+T&R MAXIM-DS2764BE+T&R Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
More results

Similar Description - DS2764BE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
   High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
National Semiconductor ...
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
   System Hardware Monitor with 2-Wire Serial Interface
logo
Texas Instruments
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
[Old version datasheet]   LM96080 System Hardware Monitor with 2-Wire Serial Interface
INA220B-Q1 TI1-INA220B-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com