Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2764 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS2764
Description  High-Precision Li Battery Monitor with 2-Wire Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS2764 Datasheet HTML 3Page - Maxim Integrated Products DS2764 Datasheet HTML 4Page - Maxim Integrated Products DS2764 Datasheet HTML 5Page - Maxim Integrated Products DS2764 Datasheet HTML 6Page - Maxim Integrated Products DS2764 Datasheet HTML 7Page - Maxim Integrated Products DS2764 Datasheet HTML 8Page - Maxim Integrated Products DS2764 Datasheet HTML 9Page - Maxim Integrated Products DS2764 Datasheet HTML 10Page - Maxim Integrated Products DS2764 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor With 2-Wire Interface
7 of 20
Figure 2. Block Diagram
DETAILED DESCRIPTION
The DS2764 high-precision Li+ battery monitor is a data-acquisition, information-storage, and safety-protection
device tailored for cost-sensitive battery pack applications. This low-power device integrates precise temperature,
voltage, and current measurement, nonvolatile (NV) data storage, and Li+ protection into the small footprint of
either a TSSOP package or flip-chip package. The DS2764 is a key component in applications including remaining
capacity estimation, safety monitoring, and battery-specific data storage.
Through its 2-Wire interface, the DS2764 gives the host system read/write access to status and control registers,
instrumentation registers, and general-purpose data storage. The 7-bit slave address is field programmable, thus
allowing up to 128 devices to be distinctly addressed by the host system.
The DS2764 is capable of performing temperature, voltage, and current measurement to a resolution sufficient to
support process monitoring applications such as battery charge control, remaining capacity estimation, and safety
monitoring. Temperature is measured using an on-chip sensor, eliminating the need for a separate thermistor.
Bidirectional current measurement and accumulation are accomplished using either an internal 25m
W sense
resistor or an external device.
EEPROM memory is provided to save important battery data in true NV memory that is unaffected by severe
battery depletion, accidental shorts, or ESD events. 40 bytes are partitioned into two 16-byte blocks and one 8-byte
block. Each block can be individually locked or write protected to provide additional security for unchanging battery
data. The lock operation is permanent and thus converts rewritable EEPROM to read only memory. Devices
ordered with the unique 64-bit ID option do not have access to the 8 byte block, only the two 16 byte blocks of
EEPROM are available.
2-Wire
INTERFACE
THERMAL
SENSE
MUX
VOLTAGE
REFERENCE
ADC
REGISTERS AND
USER MEMORY
25m
W
SDA
CHIP GROUND
+
-
LOCKABLE EEPROM
TEMPERATURE
VOLTAGE
CURRENT
ACCUM. CURRENT
STATUS/CONTROL
Li+ PROTECTION
VIN
IS1
IS2
SNS
IS2
IS1
VSS
CC
DC
PLS
PS
TIMEBASE
INTERNAL SENSE RESISTOR
CONFIGURATION ONLY
DS2764
SCL


Similar Part No. - DS2764

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2764AE++ MAXIM-DS2764AE+ Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764AE+025* MAXIM-DS2764AE+025* Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764AE+025/T&R* MAXIM-DS2764AE+025/T&R* Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764AE+T&R MAXIM-DS2764AE+T&R Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764AX-025/T&R** MAXIM-DS2764AX-025/T&R* Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
More results

Similar Description - DS2764

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
   High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
National Semiconductor ...
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
   System Hardware Monitor with 2-Wire Serial Interface
logo
Texas Instruments
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
[Old version datasheet]   LM96080 System Hardware Monitor with 2-Wire Serial Interface
INA220B-Q1 TI1-INA220B-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com