Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS82032T-6I Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GS82032T-6I
Description  64K x 32 2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS82032T-6I Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GS82032T-6I Datasheet HTML 1Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 2Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 3Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 4Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 5Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 6Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 7Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 8Page - List of Unclassifed Manufacturers GS82032T-6I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Rev: 1.04 2/2001
5/23
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS82032T/Q-150/138/133/117/100/66
Note:
There are pull-up devices on LBO and FT pins and a pull down device on the ZZ pin, so those input pins can be
unconnected and the chip will operate in the default states as specified in the above tables.
Burst Counter Sequences
Byte Write Truth Table
Notes:
1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs.
2. Byte Write Enable inputs BA, BB, BC, and/or BD may be used in any combination with BW to write single or multiple bytes.
3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs.
Mode Pin Functions
Mode Name
Pin
Name
State
Function
Burst Order Control
LBO
L
Linear Burst
H or NC
Interleaved Burst
Output Register Control
FT
L
Flow Through
H or NC
Pipeline
Power Down Control
ZZ
L or NC
Active
H
Standby, IDD = ISB
Function
GW
BW
BA
BB
BC
BD
Notes
Read
H
H
X
X
X
X
1
Read
H
L
H
H
H
H
1
Write byte A
H
L
L
H
H
H
2, 3
Write byte B
H
L
H
L
H
H
2, 3
Write byte C
H
L
H
H
L
H
2, 3, 4
Write byte D
H
L
H
H
H
L
2, 3, 4
Write all bytes
H
L
L
L
L
L
2, 3, 4
Write all bytes
L
X
X
X
X
X
Linear Burst Sequence
Note: The burst counter wraps to initial state on the 5th clock.
Interleaved Burst Sequence
Note: The burst counter wraps to initial state on the 5th clock.
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
10
11
00
3rd address
10
11
00
01
4th address
11
00
01
10
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
00
11
10
3rd address
10
11
00
01
4th address
11
10
01
00


Similar Part No. - GS82032T-6I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032A ETC1-GS82032A Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
GSI Technology
GS82032AGT-100 GSI-GS82032AGT-100 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-100I GSI-GS82032AGT-100I Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-133 GSI-GS82032AGT-133 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
More results

Similar Description - GS82032T-6I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com