Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC41B143A-DS-003PC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # BC41B143A-DS-003PC
Description  BlueCore 4-ROM Plug-n-Go Single Chip Bluetooth v2.0 EDR System
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BC41B143A-DS-003PC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BC41B143A-DS-003PC Datasheet HTML 6Page - List of Unclassifed Manufacturers BC41B143A-DS-003PC Datasheet HTML 7Page - List of Unclassifed Manufacturers BC41B143A-DS-003PC Datasheet HTML 8Page - List of Unclassifed Manufacturers BC41B143A-DS-003PC Datasheet HTML 9Page - List of Unclassifed Manufacturers BC41B143A-DS-003PC Datasheet HTML 10Page - List of Unclassifed Manufacturers BC41B143A-DS-003PC Datasheet HTML 11Page - List of Unclassifed Manufacturers BC41B143A-DS-003PC Datasheet HTML 12Page - List of Unclassifed Manufacturers BC41B143A-DS-003PC Datasheet HTML 13Page - List of Unclassifed Manufacturers BC41B143A-DS-003PC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
BC41B143A-ds-003Pc
Advance Information
© Cambridge Silicon Radio Limited 2005
Page 10 of 94
Package Information
3.2
BC41B143A-ANN-E4 Device Terminal Functions
Radio
Ball
Pad Type
Description
RF_IN
D2
Analogue
Single ended receiver input
PIO[0]/RXEN
D3
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line
PIO[1]/TXEN
C4
Bi-directional with
programmable strength
internal pull-up/down
Programmable input/output line
BAL_MATCH
A1
Analogue
Tie to VSS_RADIO
RF_CONNECT
B1
Analogue
50
Ω RF matched I/O
AUX_DAC
C2
Analogue
Voltage DAC output
Synthesiser and
Oscillator
Ball
Pad Type
Description
XTAL_IN
L3
Analogue
For crystal or external clock input
XTAL_OUT
L4
Analogue
Drive for crystal
PCM Interface
Ball
Pad Type
Description
PCM_OUT
G10
CMOS output, tristatable with
weak internal pull-down
Synchronous data output
PCM_IN
H11
CMOS input, with weak
internal pull-down
Synchronous data input
PCM_SYNC
G11
Bi-directional with weak
internal pull-down
Synchronous data sync
PCM_CLK
H10
Bi-directional with weak
internal pull-down
Synchronous data clock
USB and UART
Ball
Pad Type
Description
UART_TX
J10
CMOS output, tri-state with
weak internal pull-up
UART data output active low
UART_RX
J11
CMOS input with weak internal
pull-down
UART data input active low (idle status high)
UART_RTS
L11
CMOS output, tristatable with
weak internal pull-up
UART request to send active low
UART_CTS
K11
CMOS input with weak internal
pull-down
UART clear to send active low
USB_DP
L9
Bi-directional
USB data plus with selectable internal 1.5k
pull-up resistor
USB_DN
L8
Bi-directional
USB data minus


Similar Part No. - BC41B143A-DS-003PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BC41B143A-DS-001PE ETC1-BC41B143A-DS-001PE Datasheet
1Mb / 102P
   BlueCpre 4-ROM Single Chip Bluetooth v2.0 System with EDR
BC41B143A-DS-002PD ETC1-BC41B143A-DS-002PD Datasheet
800Kb / 89P
   BlueCore 4-ROM CSP EDR Single Chip Bluetooth v2.0 EDR System
More results

Similar Description - BC41B143A-DS-003PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BC41B143A-DS-002PD ETC1-BC41B143A-DS-002PD Datasheet
800Kb / 89P
   BlueCore 4-ROM CSP EDR Single Chip Bluetooth v2.0 EDR System
BC41B143A-DS-001PE ETC1-BC41B143A-DS-001PE Datasheet
1Mb / 102P
   BlueCpre 4-ROM Single Chip Bluetooth v2.0 System with EDR
BLUECORE4-ROM ETC-BLUECORE4-ROM Datasheet
727Kb / 89P
   BlueCore 4-ROM CSP EDR
2005
logo
DB Lectro Inc
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
   Bluetooth v2.0 EDR specification
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
   Bluetooth v2.0EDR specification
logo
HANAMICRON
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
   Bluetooth V2.0 EDR Class 2 Module
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
logo
DB Lectro Inc
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
   Bluetooth Specification v2.0 EDR Class 1
logo
HANAMICRON
HBH1X1M HANAMICRON-HBH1X1M Datasheet
251Kb / 17P
   Bluetooth V2.0 EDR Class 1 Module
logo
DB Lectro Inc
BCD100 DBLECTRO-BCD100 Datasheet
310Kb / 2P
   Fully qualified with Bluetooth v2.0 EDR specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com