Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H511638C-ZCB3 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4H511638C-ZCB3
Description  512Mb C-die DDR SDRAM Specification
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H511638C-ZCB3 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4H511638C-ZCB3 Datasheet HTML 6Page - Samsung semiconductor K4H511638C-ZCB3 Datasheet HTML 7Page - Samsung semiconductor K4H511638C-ZCB3 Datasheet HTML 8Page - Samsung semiconductor K4H511638C-ZCB3 Datasheet HTML 9Page - Samsung semiconductor K4H511638C-ZCB3 Datasheet HTML 10Page - Samsung semiconductor K4H511638C-ZCB3 Datasheet HTML 11Page - Samsung semiconductor K4H511638C-ZCB3 Datasheet HTML 12Page - Samsung semiconductor K4H511638C-ZCB3 Datasheet HTML 13Page - Samsung semiconductor K4H511638C-ZCB3 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Rev. 1.1 June. 2005
DDR SDRAM
DDR SDRAM 512Mb C-die (x4, x8, x16)
32M x 4Bit x 4 Banks / 16M x 8Bit x 4 Banks / 8M x 16Bit x 4 Banks Double Data Rate SDRAM
The K4H510438C / K4H510838C / K4H511638C is 536,870,912 bits of double data rate synchronous DRAM organized as 4x
33,554,432 / 4x 16,777,216 / 4x 8,388,608 words by 4/8/16bits, fabricated with SAMSUNG
′s high performance CMOS technology. Syn-
chronous features with Data Strobe allow extremely high performance up to 400Mb/s per pin. I/O transactions are possible on both
edges of DQS. Range of operating frequencies, programmable burst length and programmable latencies allow the device to be useful
for a variety of high performance memory system applications.
Note : Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommend operation condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VDD & VDDQ supply relative to VSS
VDD, VDDQ
-1.0 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1.5
W
Short circuit current
IOS
50
mA
Recommended operating conditions(Voltage referenced to VSS=0V, TA=0 to 70
°C)
Note :
1. VREF is expected to be equal to 0.5*VDDQ of the transmitting device, and to track variations in the dc level of same. Peak-to peak noise on VREF may
not exceed +/-2% of the dc value.
2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF, and must track vari-
ations in the DC level of VREF
3. VID is the magnitude of the difference between the input level on CK and the input level on CK.
4. The ratio of the pullup current to the pulldown current is specified for the same temperature and voltage, over the entire temperature and voltage range,
for device drain to source voltages from 0.25V to 1.0V. For a given output, it represents the maximum difference between pullup and pulldown drivers
due to process variation. The full variation in the ratio of the maximum to minimum pullup and pulldown current will not exceed 1.7 for device drain to
source voltages from 0.1 to 1.0.
Parameter
Symbol
Min
Max
Unit
Note
Supply voltage(for device with a nominal VDD of 2.5V for DDR266/333)
VDD
2.3
2.7
Supply voltage(for device with a nominal VDD of 2.6V for DDR400)
VDD
2.5
2.7
I/O Supply voltage(for device with a nominal VDD of 2.5V for DDR266/333)
VDDQ
2.3
2.7
V
I/O Supply voltage(for device with a nominal VDD of 2.5V for DDR400)
VDDQ
2.5
2.7
I/O Reference voltage
VREF
0.49*VDDQ
0.51*VDDQ
V
1
I/O Termination voltage(system)
VTT
VREF-0.04
VREF+0.04
V2
Input logic high voltage
VIH(DC)
VREF+0.15
VDDQ+0.3
V
Input logic low voltage
VIL(DC)
-0.3
VREF-0.15
V
Input Voltage Level, CK and CK inputs
VIN(DC)
-0.3
VDDQ+0.3
V
Input Differential Voltage, CK and CK inputs
VID(DC)
0.36
VDDQ+0.6
V
3
V-I Matching: Pullup to Pulldown Current Ratio
VI(Ratio)
0.71
1.4
-
4
Input leakage current
II
-2
2
uA
Output leakage current
IOZ
-5
5
uA
Output High Current(Normal strengh driver) ;VOUT = VTT + 0.84V
IOH
-16.8
mA
Output High Current(Normal strengh driver) ;VOUT = VTT - 0.84V
IOL
16.8
mA
Output High Current(Half strengh driver) ;VOUT = VTT + 0.45V
IOH
-9
mA
Output High Current(Half strengh driver) ;VOUT = VTT - 0.45V
IOL
9mA
9.0 General Description
10.0 Absolute Maximum Rating
11.0 DC Operating Conditions


Similar Part No. - K4H511638C-ZCB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638C-TCA0 SAMSUNG-K4H511638C-TCA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H511638C-TCA2 SAMSUNG-K4H511638C-TCA2 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H511638C-TCB0 SAMSUNG-K4H511638C-TCB0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H511638C-TLA0 SAMSUNG-K4H511638C-TLA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
K4H511638C-TLA2 SAMSUNG-K4H511638C-TLA2 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
More results

Similar Description - K4H511638C-ZCB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638 SAMSUNG-K4H511638 Datasheet
212Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4H511638B-G SAMSUNG-K4H511638B-G Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
K4H510438 SAMSUNG-K4H510438 Datasheet
332Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438G SAMSUNG-K4H510438G Datasheet
355Kb / 24P
   512Mb G-die DDR SDRAM Specification
K4H510438D SAMSUNG-K4H510438D Datasheet
367Kb / 24P
   512Mb D-die DDR SDRAM Specification
K4H510738E SAMSUNG-K4H510738E Datasheet
191Kb / 22P
   Stacked 512Mb E-die DDR SDRAM Specification (x4/x8)
K4S510432B-UC SAMSUNG-K4S510432B-UC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TC SAMSUNG-K4S510432B-TC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4H1G0638C SAMSUNG-K4H1G0638C Datasheet
348Kb / 23P
   Stacked 1Gb C-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com