Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5STP03X6500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5STP03X6500
Description  Phase Control Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5STP03X6500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5STP03X6500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5STP03X6500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5STP03X6500 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5STP03X6500 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5STP03X6500 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5STP 03X6500
ABB Semiconductors AG reserves the right to change specifications without notice.
Doc. No. 5SYA1003-04 Sep. 01
page 2 of 5
On-state
ITAVM
Max. average on-state current
350 A
Half sine wave, TC = 70°C
ITRMS
Max. RMS on-state current
550 A
ITSM
Max. peak non-repetitive
4500 A
tp =
10 ms
Tj = 125°C
surge current
4850 A
tp =
8.3 ms
After surge:
I
2t
Limiting load integral
101 kA
2stp =
10 ms
VD = VR = 0V
98 kA
2stp =
8.3 ms
VT
On-state voltage
3.50 V
IT =
1000 A
VT0
Threshold voltage
1.20 V
IT =
300 - 900 A
Tj = 125°C
rT
Slope resistance
2.300 mΩ
IH
Holding current
30-80 mA
Tj = 25°C
15-60 mA
Tj = 125°C
IL
Latching current
80-500 mA
Tj = 25°C
50-200 mA
Tj = 125°C
Switching
di/dtcrit Critical rate of rise of on-state
100 A/µs Cont. f = 50 Hz VD ≤ 0.67⋅VDRM , Tj = 125°C
current
200 A/µs
ITRM = 1000 A
60 sec.
f = 50Hz
IFG = 2 A, tr = 0.5 µs
td
Delay time
3.0 µs
VD = 0.4
⋅VDRM
IFG = 2 A, tr = 0.5 µs
tq
Turn-off time
700 µs
VD
≤ 0.67⋅VDRM ITRM = 1000 A, Tj = 125°C
dvD/dt = 20V/µs VR > 200 V, diT/dt = 1 A/µs
Qrr
Recovery charge
min
900 µAs
max
2000 µAs
Triggering
VGT
Gate trigger voltage
2.6 V
Tj = 25°
IGT
Gate trigger current
400 mA
Tj = 25°
VGD
Gate non-trigger voltage
0.3 V
VD =0.4 x VDRM
IGD
Gate non-trigger current
10 mA
VD = 0.4 x VDRM
VFGM
Peak forward gate voltage
12 V
IFGM
Peak forward gate current
10 A
VRGM
Peak reverse gate voltage
10 V
PG
Gate power loss
3 W


Similar Part No. - 5STP03X6500

ManufacturerPart #DatasheetDescription
logo
ABB
5STP03X6500 ABB-5STP03X6500 Datasheet
201Kb / 6P
   Phase Control Thyristor
More results

Similar Description - 5STP03X6500

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com