Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65020 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65020
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65020 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65020 Datasheet HTML 5Page - Texas Instruments TPS65020 Datasheet HTML 6Page - Texas Instruments TPS65020 Datasheet HTML 7Page - Texas Instruments TPS65020 Datasheet HTML 8Page - Texas Instruments TPS65020 Datasheet HTML 9Page - Texas Instruments TPS65020 Datasheet HTML 10Page - Texas Instruments TPS65020 Datasheet HTML 11Page - Texas Instruments TPS65020 Datasheet HTML 12Page - Texas Instruments TPS65020 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS65020
SLVS607 – SEPTEMBER 2005
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, T
A = –40°C to 85°C, typical values are
at T
A = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLDO1 and VLDO2 LOW DROPOUT REGULATORS
VI
Input voltage range for LDO1, 2
1.5
6.5
V
VO
LDO1 output voltage range
1
3.3
V
VO
LDO2 output voltage range
1.0
3.3
V
Maximum output current for LDO1,
IO
50
mA
LDO2
LDO1 and LDO2 short circuit cur-
I(SC)
VLDO1 = GND, VLDO2 = GND
400
mA
rent limit
Minimum voltage drop at LDO1,
IO = 50 mA, VINLDO = 1.8 V
120
mV
LDO2
Minimum voltage drop at LDO1,
IO = 50 mA, VINLDO = 1.5 V
65
150
mV
LDO2
Output voltage accuracy for LDO1,
IO = 10 mA
–2%
1%
LDO2
VINLDO1,2 = VLDO1,2 + 0.5 V (min.
Line regulation for LDO1, LDO2
–1%
1%
2.5 V) to 6.5 V, IO = 10 mA
Load regulation for LDO1, LDO2
IO = 0 mA to 50 mA
–1%
1%
Regulation time for LDO1, LDO2
Load change from 10% to 90%
10
µs
ANALOGIC SIGNALS DEFDCDC1, DEFDCDC2, DEFDCDC3
VIH
High level input voltage
1.3
VCC
V
VIL
Low level input voltage
0
0.4
V
IH
Input bias current
0.001
0.05
µA
LOGIC SIGNALS PB_IN; PB_OUT
Low level output voltage at
VOL
IOL = 20 mA
0.5
V
PB_OUT
VOH
High level output voltage PB_OUT
6
V
VIL
Low level input voltage PB_IN
0.4
V
VIH
High level input voltage PB_IN
1.3
Vcc(1)
V
II Input leakage current PB_IN
1
µA
THERMAL SHUTDOWN
T(SD)
Thermal shutdown
Increasing junction temperature
160
°C
Thermal shudown hysteresis
Decreasing junction temperature
20
°C
INTERNAL UNDER VOLTAGE LOCK OUT
UVLO
Internal UVLO
VCC falling
–2%
2.35
2%
V
Internal UVLO comparator hyster-
V(UVLO_HYST)
120
mV
esis
VOLTAGE DETECTOR COMPARATORS
Comparator threshold
Falling threshold
–1%
1.0
1%
V
(PWRFAIL_SNS, LOWBAT_SNS)
Hysteresis
40
50
60
mV
Propagation delay
25 mV overdrive
10
µs
POWER GOOD
VDCDC1, VDCDC2, VDCDC3, VLDO1,
V(PGOODF)
–12%
–10%
–8%
VLDO2, decreasing
VDCDC1, VDCDC2, VDCDC3, VLDO1,
V(PGOODR)
–7%
–5%
–3%
VLDO2, increasing
(1)
The input voltage can go as high as 6 V. If the input voltage exceeds VCC, an input current of (V(PB_IN) - 0.7 V - VCC) / 10 kR flows.
9


Similar Part No. - TPS65020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHAR TI1-TPS65020RHAR Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
TPS65020RHARG4 TI1-TPS65020RHARG4 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
TPS65020RHAT TI1-TPS65020RHAT Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
TPS65020RHATG4 TI1-TPS65020RHATG4 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
More results

Similar Description - TPS65020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com