Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5348BTA Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1N5348BTA
Description  5 Watt Surmetic 40 Zener Voltage Refulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5348BTA Datasheet(HTML) 1 Page - ON Semiconductor

  1N5348BTA Datasheet HTML 1Page - ON Semiconductor 1N5348BTA Datasheet HTML 2Page - ON Semiconductor 1N5348BTA Datasheet HTML 3Page - ON Semiconductor 1N5348BTA Datasheet HTML 4Page - ON Semiconductor 1N5348BTA Datasheet HTML 5Page - ON Semiconductor 1N5348BTA Datasheet HTML 6Page - ON Semiconductor 1N5348BTA Datasheet HTML 7Page - ON Semiconductor 1N5348BTA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
December, 2004 − Rev. 4
1
Publication Order Number:
1N5333B/D
1N5333B Series
Preferred Device
5 Watt Surmetict 40
Zener Voltage Regulators
This is a complete series of 5 Watt Zener diodes with tight limits and
better operating characteristics that reflect the superior capabilities of
silicon−oxide passivated junctions. All this in an axial lead,
transfer−molded plastic package that offers protection in all common
environmental conditions.
Features
Zener Voltage Range − 3.3 V to 200 V
ESD Rating of Class 3 (>16 kV) per Human Body Model
Surge Rating of up to 180 W @ 8.3 ms
Maximum Limits Guaranteed on up to Six Electrical Parameters
These devices are manufactured with a Pb−Free external lead
finish only*
Mechanical Characteristics
CASE:
Void free, transfer−molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
230
°C, 1/16 in. from the case for 10 seconds
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Max. Steady State Power Dissipation
@ TL = 75°C, Lead Length = 3/8 in
Derate above 75
°C
PD
5
40
W
mW/
°C
Operating and Storage
Temperature Range
TJ, Tstg
−65 to
+200
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
1N53xxB
Axial Lead
1000 Units/Box
1N53xxBRL
Axial Lead
AXIAL LEAD
CASE 17
PLASTIC
4000/Tape & Reel
Cathode
Anode
L
1N
53xxB
YWW
L
= Assembly Location
1N53xxB
= Device Code
= (See Table Next Page)
Y
= Year
WW
= Work Week
MARKING DIAGRAM
1N53xxBTA*
Axial Lead
2000/Ammo Pack
Preferred devices are recommended choices for future use
and best overall value.
*1N5361B Not Available in 2000/Ammo Pack
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com


Similar Part No. - 1N5348BTA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5348B MICROSEMI-1N5348B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Motorola, Inc
1N5348B MOTOROLA-1N5348B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
ON Semiconductor
1N5348B ONSEMI-1N5348B Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
1N5348B ONSEMI-1N5348B Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
logo
Pan Jit International I...
1N5348B PANJIT-1N5348B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5348BTA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N53 ONSEMI-1N53 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N53 ONSEMI-1N53_13 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
1N5333B ONSEMI-1N5333B_06 Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Motorola, Inc
1N5333A MOTOROLA-1N5333A Datasheet
195Kb / 4P
   5-Watt Surmetic 40 Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N5333B NJSEMI-1N5333B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
ON Semiconductor
P6KE6.8A ONSEMI-P6KE6.8A Datasheet
57Kb / 8P
   600 Watt Peak Power Surmetic-40 Zener Transient Voltage Suppressors
April, 2002 ??Rev. 5
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com