Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4400 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N4400
Description  General Purpose Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4400 Datasheet(HTML) 3 Page - ON Semiconductor

  2N4400 Datasheet HTML 1Page - ON Semiconductor 2N4400 Datasheet HTML 2Page - ON Semiconductor 2N4400 Datasheet HTML 3Page - ON Semiconductor 2N4400 Datasheet HTML 4Page - ON Semiconductor 2N4400 Datasheet HTML 5Page - ON Semiconductor 2N4400 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N4400 2N4401
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 3. Capacitances
REVERSE VOLTAGE (VOLTS)
7.0
10
20
30
5.0
Figure 4. Charge Data
IC, COLLECTOR CURRENT (mA)
0.1
2.0
5.0
10
20
2.0
30
50
3.0
2.0
3.0
5.0
7.0
10
1.0
10
20
50
70
100
200
0.1
300
500
0.7
0.5
VCC = 30 V
IC/IB = 10
Figure 5. Turn–On Time
IC, COLLECTOR CURRENT (mA)
20
30
50
5.0
10
7.0
Figure 6. Rise and Fall Times
IC, COLLECTOR CURRENT (mA)
Figure 7. Storage Time
IC, COLLECTOR CURRENT (mA)
Figure 8. Fall Time
IC, COLLECTOR CURRENT (mA)
20
30
50
70
100
10
5.0
7.0
Cobo
QT
QA
25
°C
100
°C
TRANSIENT CHARACTERISTICS
3.0
1.0
0.5
0.3
0.2
0.3
0.2
30
Ccb
70
100
10
20
50
70
100
200
300
500
30
IC/IB = 10
tr @ VCC = 30 V
tr @ VCC = 10 V
td @ VEB = 2.0 V
td @ VEB = 0
20
30
50
5.0
10
7.0
70
100
10
20
50
70
100
200
300
500
30
VCC = 30 V
IC/IB = 10
tr
tf
10
20
50
70
100
200
300
500
30
100
200
30
70
50
300
10
20
50
70
100
200
300
500
30
ts′ = ts – 1/8 tf
IB1 = IB2
IC/IB = 10 to 20
VCC = 30 V
IB1 = IB2
IC/IB = 20
IC/IB = 10


Similar Part No. - 2N4400

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2N4400 SEMTECH-2N4400 Datasheet
209Kb / 3P
   NPN EXPITAXIAL SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N4400 NJSEMI-2N4400 Datasheet
216Kb / 2P
   NPN SILICON ANNULAR TRANSISTORS
logo
Fairchild Semiconductor
2N4400 FAIRCHILD-2N4400 Datasheet
42Kb / 2P
   NPN General Purpose Amplifier
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
logo
Micro Electronics
2N4400 MICRO-ELECTRONICS-2N4400 Datasheet
182Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - 2N4400

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com