Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VUB160-12NO1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VUB160-12NO1
Description  Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUB160-12NO1 Datasheet(HTML) 2 Page - IXYS Corporation

  VUB160-12NO1 Datasheet HTML 1Page - IXYS Corporation VUB160-12NO1 Datasheet HTML 2Page - IXYS Corporation VUB160-12NO1 Datasheet HTML 3Page - IXYS Corporation VUB160-12NO1 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2000 IXYS All rights reserved
2 - 4
I
R
V
R = VRRM,TVJ =25°C
0.3
mA
V
R = VRRM,TVJ = 150°C5
mA
V
F
I
F = 150 A,
T
VJ =25°C
VUB 120
1.59
V
VUB 160
1.49
V
V
T0
For power-loss calculations only VUB 120
0.80
V
VUB 160
0.75
V
r
T
T
VJ = 150°C
VUB 120
6.1
m
W
VUB 160
4.6
m
W
R
thJC
per diode
VUB 120
1.0 K/W
VUB 160
0.8 K/W
R
thJH
VUB 120
1.3 K/W
VUB 160
1.1 K/W
V
BR(CES)
V
GS = 0 V, IC = 3 mA
1200
V
V
GE(th)
I
C = 20 mA
VUB 120
58
V
I
C = 30 mA
VUB 160
58
V
I
CES
T
VJ = 25°C,
V
CE = 1200 V
VUB 120
0.8
mA
VUB 160
1.2
mA
T
VJ = 125°C,
V
CE = 0,8 ž VCES
VUB 120
3mA
VUB 160
4.5
mA
V
CEsat
V
GE = 15 V, IC = 50 A
VUB 120
2.9
V
V
GE = 15 V, IC = 75 A
VUB 160
2.9
V
t
SC
V
GE = 15 V, VCE = 720 V, TVJ = 125°C,
(SCSOA)
R
G = 11 W, non repetitive
VUB 120
10
ms
R
G =
7
W, non repetitive
VUB 160
10
ms
RBSOA
V
GE = 15 V, VCE = 960 V, TVJ = 125°C,
Clamped Inductive load, L = 100
mH
R
G = 11 W
VUB 120
100
A
R
G =
7
W
VUB 160
150
A
C
ies
V
CE = 25 V, f = 1 MHz, VGE = 0 V
VUB 120
9nF
VUB 160
13.5
nF
t
d(on)
300
ns
t
d(off)
350
ns
E
on
VUB 120
12
mJ
VUB 160
18
mJ
E
off
VUB 120
16
mJ
VUB 160
24
mJ
R
thJC
VUB 120
0.32 K/W
VUB 160
0.21 K/W
R
thJH
VUB 120
0.45 K/W
VUB 160
0.30 K/W
I
R
V
R
= V
RRM,
T
VJ =
25
°C
0.75
mA
V
R
= 0,8 V
CES,
T
VJ = 125°C4
7
mA
V
F
I
F
= 30 A,
T
VJ =25°C
2.55
V
V
T0
For power-loss calculations only
1.65
V
r
T
T
VJ
= 150
°C
18.2
m
W
I
RM
I
F
= 30 A, -di
F/dt = 240 A/ms, VR = 540 V
16
18
A
t
rr
I
F
= 1 A, -di
F/dt = 100 A/ms, VR = 30 V
40
60
ns
R
thJC
1.2 K/W
R
thJH
1.6 K/W
R
25
Siemens S 891/2,2/+9
2.2
k
W
Symbol
Test Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE = 720 V, IC = 50/75 A
V
GE = 15 V, RG = 11/7 W
Inductive load; L = 100
mH
T
VJ = 125°C
VUB 120 / 160


Similar Part No. - VUB160-12NO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUB160-12NO2 IXYS-VUB160-12NO2 Datasheet
69Kb / 2P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
More results

Similar Description - VUB160-12NO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VVZB170-16NO1 IXYS-VVZB170-16NO1 Datasheet
196Kb / 3P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB120-12NO2 IXYS-VUB120-12NO2 Datasheet
69Kb / 2P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB116 IXYS-VUB116 Datasheet
50Kb / 2P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB135 IXYS-VVZB135 Datasheet
137Kb / 5P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB60 IXYS-VUB60 Datasheet
110Kb / 4P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB135-16NO1 IXYS-VVZB135-16NO1 Datasheet
272Kb / 5P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB71 IXYS-VUB71 Datasheet
183Kb / 2P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB120 IXYS-VVZB120 Datasheet
76Kb / 3P
   Three Phase Half Controlled Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
logo
Solid States Devices, I...
SDA403AF SSDI-SDA403AF Datasheet
147Kb / 1P
   FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
logo
Semikron International
SKDH116 SEMIKRON-SKDH116_09 Datasheet
1Mb / 4P
   3-Phase Bridge Rectifier IGBT braking chopper
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com