Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM248NBK36R Datasheet(PDF) 9 Page - Texas Instruments

Part # TM248NBK36R
Description  DYNAMIC RAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM248NBK36R Datasheet(HTML) 9 Page - Texas Instruments

Back Button TM248NBK36R Datasheet HTML 3Page - Texas Instruments TM248NBK36R Datasheet HTML 4Page - Texas Instruments TM248NBK36R Datasheet HTML 5Page - Texas Instruments TM248NBK36R Datasheet HTML 6Page - Texas Instruments TM248NBK36R Datasheet HTML 7Page - Texas Instruments TM248NBK36R Datasheet HTML 8Page - Texas Instruments TM248NBK36R Datasheet HTML 9Page - Texas Instruments TM248NBK36R Datasheet HTML 10Page - Texas Instruments TM248NBK36R Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TM124MBK36B, TM124MBK36R 1048576 BY 36-BIT
TM248NBK36B, TM248NBK36R 2097152 BY 36-BIT
DYNAMIC RAM MODULE
SMMS137E – JANUARY 1991 – REVISEDJUNE 1995
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
’124MBK36B-60
’248NBK36B-60
’124MBK36B-70
’248NBK36B-70
’124MBK36B-80
’248NBK36B-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tCAC
Access time from CAS low
15
18
20
ns
tAA
Access time from column address
30
35
40
ns
tRAC
Access time from RAS low
60
70
80
ns
tCPA
Access time from column precharge
35
40
45
ns
tCLZ
CAS to output in low impedance
0
0
0
ns
tOFF
Output disable time after CAS high (see Note 6)
0
15
0
18
0
20
ns
NOTE 6: tOFF is specified when the output is no longer driven.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
’124MBK36B-60
’248NBK36B-60
’124MBK36B-70
’248NBK36B-70
’124MBK36B-80
’248NBK36B-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tRC
Cycle time, random read or write (see Note 7)
110
130
150
ns
tRWC
Cycle time, read write
130
153
175
ns
tPC
Cycle time, page-mode read or write (see Note 8)
40
45
50
ns
tRASP
Pulse duration, page mode, RAS low
60
100 000
70
100 000
80
100 000
ns
tRAS
Pulse duration, nonpage mode, RAS low
60
10 000
70
10 000
80
10 000
ns
tCAS
Pulse duration, CAS low
15
10 000
18
10 000
20
10 000
ns
tCP
Pulse duration, CAS high
10
10
10
ns
tRP
Pulse duration, RAS high (precharge)
40
50
60
ns
tWP
Pulse duration, write
15
15
15
ns
tASC
Setup time, column address before CAS low
0
0
0
ns
tASR
Setup time, row address before RAS low
0
0
0
ns
tDS
Setup time, data
0
0
0
ns
tRCS
Setup time, read before CAS low
0
0
0
ns
tCWL
Setup time, W low before CAS high
15
18
20
ns
tRWL
Setup time, W low before RAS high
15
18
20
ns
tWCS
Setup time, W low before CAS low
0
0
0
ns
tWSR
Setup time, W high (see Note 9)
10
10
10
ns
NOTES:
7. All cycles assume tT = 5 ns.
8. To assure tPC min, tASC should be ≥ 5 ns.
9. CBR refresh only


Similar Part No. - TM248NBK36R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM248NBK36C TI1-TM248NBK36C Datasheet
160Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM248NBK36E TI1-TM248NBK36E Datasheet
175Kb / 12P
[Old version datasheet]   36-BIT DYNAMIC RAM MODULE
TM248NBK36F TI1-TM248NBK36F Datasheet
138Kb / 9P
[Old version datasheet]   36-BIT DRAM MODULE
TM248NBK36F-60 TI1-TM248NBK36F-60 Datasheet
138Kb / 9P
[Old version datasheet]   36-BIT DRAM MODULE
TM248NBK36F-70 TI1-TM248NBK36F-70 Datasheet
138Kb / 9P
[Old version datasheet]   36-BIT DRAM MODULE
More results

Similar Description - TM248NBK36R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32 TI-TM124BBK32 Datasheet
354Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBJ36F TI1-TM124MBJ36F Datasheet
164Kb / 10P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32 TI-TM124BBK32 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36C TI1-TM124MBK36C Datasheet
160Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124FBK32F TI1-TM124FBK32F Datasheet
141Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM893CBK32 TI-TM893CBK32 Datasheet
119Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM8SK64JPN TI1-TM8SK64JPN Datasheet
206Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??SODIMM
TM8SK64JPU TI1-TM8SK64JPU Datasheet
218Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??? SODIMM
TM16SM64JBN TI1-TM16SM64JBN Datasheet
190Kb / 12P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ???SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com