Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M470L6524CU0-CA2 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M470L6524CU0-CA2
Description  DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb C-die
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L6524CU0-CA2 Datasheet(HTML) 5 Page - Samsung semiconductor

  M470L6524CU0-CA2 Datasheet HTML 1Page - Samsung semiconductor M470L6524CU0-CA2 Datasheet HTML 2Page - Samsung semiconductor M470L6524CU0-CA2 Datasheet HTML 3Page - Samsung semiconductor M470L6524CU0-CA2 Datasheet HTML 4Page - Samsung semiconductor M470L6524CU0-CA2 Datasheet HTML 5Page - Samsung semiconductor M470L6524CU0-CA2 Datasheet HTML 6Page - Samsung semiconductor M470L6524CU0-CA2 Datasheet HTML 7Page - Samsung semiconductor M470L6524CU0-CA2 Datasheet HTML 8Page - Samsung semiconductor M470L6524CU0-CA2 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DDR SDRAM
256MB, 512MB Unbuffered SODIMM
Rev. 1.2 June 2005
Note :
1. * : These pins are not used in this module.
2. Pins 71, 72, 73, 74, 77, 78, 79, 80, 83, 84 are not used on x64(M470~ ) module, & used on x72(M485 ~ ) module.
3. Pins 95,122 are NC for 1Row module & used for 2Row moule(M470L6524CU0,M485L2829CU0).
Pin
Front
Pin
Front
Pin
Front
Pin
Back
Pin
Back
Pin
Back
1
VREF
67
DQ27
135
DQ34
2
VREF
68
DQ31
136
DQ38
3
VSS
69
VDD
137
VSS
4
VSS
70
VDD
138
VSS
5
DQ0
71
CB0
139
DQ35
6
DQ4
72
CB4
140
DQ39
7
DQ1
73
CB1
141
DQ40
8
DQ5
74
CB5
142
DQ44
9
VDD
75
VSS
143
VDD
10
VDD
76
VSS
144
VDD
11
DQS0
77
DQS8
145
DQ41
12
DM0
78
DM8
146
DQ45
13
DQ2
79
CB2
147
DQS5
14
DQ6
80
CB6
148
DM5
15
VSS
81
VDD
149
VSS
16
VSS
82
VDD
150
VSS
17
DQ3
83
CB3
151
DQ42
18
DQ7
84
CB7
152
DQ46
19
DQ8
85
DU
153
DQ43
20
DQ12
86
*DU/(RESET)
154
DQ47
21
VDD
87
VSS
155
VDD
22
VDD
88
VSS
156
VDD
23
DQ9
89
CK2
157
VDD
24
DQ13
90
VSS
158
CK1
25
DQS1
91
CK2
159
VSS
26
DM1
92
VDD
160
CK1
27
VSS
93
VDD
161
VSS
28
VSS
94
VDD
162
VSS
29
DQ10
95
CKE1
163
DQ48
30
DQ14
96
CKE0
164
DQ52
31
DQ11
97
DU
165
DQ49
32
DQ15
98
*DU(BA2)
166
DQ53
33
VDD
99
A12
167
VDD
34
VDD
100
A11
168
VDD
35
CK0
101
A9
169
DQS6
36
VDD
102
A8
170
DM6
37
CK0
103
VSS
171
DQ50
38
VSS
104
VSS
172
DQ54
39
VSS
105
A7
173
VSS
40
VSS
106
A6
174
VSS
KEY
107
A5
175
DQ51
KEY
108
A4
176
DQ55
41
DQ16
109
A3
177
DQ56
42
DQ20
110
A2
178
DQ60
43
DQ17
111
A1
179
VDD
44
DQ21
112
A0
180
VDD
45
VDD
113
VDD
181
DQ57
46
VDD
114
VDD
182
DQ61
47
DQS2
115
A10/AP
183
DQS7
48
DM2
116
BA1
184
DM7
49
DQ18
117
BA0
185
VSS
50
DQ22
118
RAS
186
VSS
51
VSS
119
WE
187
DQ58
52
VSS
120
CAS
188
DQ62
53
DQ19
121
CS0
189
DQ59
54
DQ23
122
CS1
190
DQ63
55
DQ24
123
*DU(A13)
191
VDD
56
DQ28
124
DU
192
VDD
57
VDD
125
VSS
193
SDA
58
VDD
126
VSS
194
SA0
59
DQ25
127
DQ32
195
SCL
60
DQ29
128
DQ36
196
SA1
61
DQS3
129
DQ33
197
VDDSPD
62
DM3
130
DQ37
198
SA2
63
VSS
131
VDD
199
VDDID
64
VSS
132
VDD
200
DU
65
DQ26
133
DQS4
66
DQ30
134
DM4
Note : VDDID defines relationship of VDD and VDDQ, and the default status of it is open (VDD=VDDQ)
Pin Name
Function
Pin Name
Function
A0 ~ A12
Address input (Multiplexed)
DM0 ~7,8(for ECC) Data - in mask
BA0 ~ BA1A
Bank Select Address
VDD
Power supply
(2.5V for DDR266/333, 2.6V for DDR400)
DQ0 ~ DQ63
Data input/output
VDDQ
Power Supply for DQS
(2.5V for DDR266/333, 2.6V for DDR400)
DQS0 ~ DQS8
Data Strobe input/output
VSS
Ground
CK0,CK0 ~ CK2, CK2
Clock input
VREF
Power supply for reference
CKE0, CKE1(for double banks)
Clock enable input
VDDSPD
Serial EEPROM Power/Supply ( 2.3V to 3.6V )
CS0, CS1(for double banks)
Chip select input
SDA
Serial data I/O
RAS
Row address strobe
SCL
Serial clock
CAS
Column address strobe
SA0 ~ 2
Address in EEPROM
WE
Write enable
VDDID
VDD, VDDQ level detection
CB0 ~ CB7(for x72 module)
Check bit(Data-in/data-out)
NC
No connection
5.0 Pin Description
4.0 Pin Configuration (Front side/back side)


Similar Part No. - M470L6524CU0-CA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L6524BT0-CA2 SAMSUNG-M470L6524BT0-CA2 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
M470L6524BT0-CB0 SAMSUNG-M470L6524BT0-CB0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
M470L6524BT0-CB3 SAMSUNG-M470L6524BT0-CB3 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
M470L6524BT0-CCC SAMSUNG-M470L6524BT0-CCC Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
M470L6524BT0-CLA2 SAMSUNG-M470L6524BT0-CLA2 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
More results

Similar Description - M470L6524CU0-CA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3324BT SAMSUNG-M470L3324BT Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M470L3324DU0 SAMSUNG-M470L3324DU0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
M368L3223ETN SAMSUNG-M368L3223ETN Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com