Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKG2623PI Datasheet(PDF) 9 Page - Ericsson

Part # PKG2623PI
Description  46-60 W DC/DC Power Modules 24 V Input Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKG2623PI Datasheet(HTML) 9 Page - Ericsson

Back Button PKG2623PI Datasheet HTML 5Page - Ericsson PKG2623PI Datasheet HTML 6Page - Ericsson PKG2623PI Datasheet HTML 7Page - Ericsson PKG2623PI Datasheet HTML 8Page - Ericsson PKG2623PI Datasheet HTML 9Page - Ericsson PKG2623PI Datasheet HTML 10Page - Ericsson PKG2623PI Datasheet HTML 11Page - Ericsson PKG2623PI Datasheet HTML 12Page - Ericsson PKG2623PI Datasheet HTML 13Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
EN/LZT 146 03 R1A (Replaces EN/LZT 137 R5) © Ericsson Microelectronics AB, April 2000
PKG 2611 PI
70
80
90
19 V
36 V
100
3
6
912
15
Load current (A)
4.6
5.0
5.4
5.8
0
5
10
15
20
Load current (A)
Efficiency (typ)
Output characteristic (typ)
Dynamic load response (typ)
0.2 V/div
0.2 ms/div
6 A/div
Temperature characteristics
Power derating
20
0
40
60
80
-45
-30
+90 +100
+115
Case temperature (°C)
s
ss
s
PKG 2410 PI
70
80
90
19 V
36 V
100
3
6
912
15
Load current (A)
Efficiency (typ)
Output characteristic (typ)
Dynamic load response (typ)
0.2 V/div
0.2 ms/div
6 A/div
Temperature characteristics
Power derating
15
0
30
45
60
-45
-30
+85
+100
+115
Case temperature ( C)
°
ss
ss
Typical Characteristics
A. Maximum deviation
DVO<0.1×VOi
Recover time tr<100
ms
The output voltage deviation is determined
by the load transient (dI/dt)
B. Load change:
0.25×IOnom…0.75×IO…0.25×IOnom
IOnom = IO1nom + IO2nom
dI/dt
» 5A/ms
A. Maximum deviation
DVO<0.1×VOi
Recover time tr<100
ms
The output voltage deviation is determined
by the load transient (dI/dt)
B. Load change:
0.25×IOnom…0.75×IO…0.25×IOnom
IOnom = IO1nom + IO2nom
dI/dt
» 5A/ms


Similar Part No. - PKG2623PI

ManufacturerPart #DatasheetDescription
logo
StarHope
PKG240AB SPSEMI-PKG240AB Datasheet
253Kb / 2P
   Glass passiated junction
PKG240CB SPSEMI-PKG240CB Datasheet
253Kb / 2P
   Glass passiated junction
More results

Similar Description - PKG2623PI

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKA2000 ERICSSON-PKA2000 Datasheet
864Kb / 20P
   25-40 W DC/DC Power Modules 24 V Input Series
PKF4000 ERICSSON-PKF4000 Datasheet
1Mb / 24P
   3-7 W DC/DC Power Modules 48 V Input Series
PKF5611SI ERICSSON-PKF5611SI Datasheet
1Mb / 16P
   5-6 W DC/DC Power Modules Wide Input Series
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
logo
Advantech Co., Ltd.
PWR-246E ADVANTECH-PWR-246E Datasheet
735Kb / 2P
   Industrial DC to DC Converter w/24 48VDC Power Input
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
DC048B VICOR-DC048B Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Minmax Technology Co., ...
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com