Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPG310A Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NSPG310A
Description  SPECIFICATIONS FOR NICHIA GREEN LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NSPG310A Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NSPG310A Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPG310A Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPG310A Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPG310A Datasheet HTML 9Page - List of Unclassifed Manufacturers NSPG310A Datasheet HTML 10Page - List of Unclassifed Manufacturers NSPG310A Datasheet HTML 11Page - List of Unclassifed Manufacturers NSPG310A Datasheet HTML 12Page - List of Unclassifed Manufacturers NSPG310A Datasheet HTML 13Page - List of Unclassifed Manufacturers NSPG310A Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Y-Y
X-X
Ta=25°C
IF=10mA
Y-Y
X-X
! Directivity (NSPG310A)
Radiation Angle
10° 20°
30°
40°
50°
60°
70°
80°
90°
1
0.5
0
! Spectrum
! Forward Current vs.
Chromaticity Coordinate D)
! Ambient Temperature vs.
Dominant Wavelength
! Forward Current vs.
Dominant Wavelength
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
xx
Wavelength
λ (nm)
30°
0.5
90°
60°
1
400 450 500 550
650 700
600
1.2
1
0.8
0.4
0.2
0
0.6
020
60 80 100
40
-40 -20
531
527
525
519
529
523
521
0
0.10 0.20 0.30 0.40 0.50
0.90
0.80
0.70
0.60
0.50
0.40
15
10 20
100
50
555
545
535
515
505
495
525
Ta=25°C
IF=20mA
1mA(544nm)
5mA(536nm)
20mA
(525nm)
100mA(506nm)
50mA
(514nm)
Ta=25°C
Ta=25°C
Ta=25°C
IF=20mA
IFP=20mA
TYP.CHARACTERISTICS
Model
NSPG310A
NICHIA CORPORATION Title
No.
011130109841


Similar Part No. - NSPG310A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPG310A NICHIA-NSPG310A Datasheet
278Kb / 15P
   GREEN LED
More results

Similar Description - NSPG310A

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
NSPG310B AAEON-NSPG310B Datasheet
486Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG510AS AAEON-NSPG510AS Datasheet
484Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG520AS AAEON-NSPG520AS Datasheet
201Kb / 15P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG500DS AAEON-NSPG500DS_15 Datasheet
482Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG510AS AAEON-NSPG510AS_15 Datasheet
484Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
logo
List of Unclassifed Man...
NSPG320C ETC2-NSPG320C Datasheet
269Kb / 15P
   SPECIFICATIONS FOR NICHIA GREEN LED
logo
AAEON Technology
NSPG500DS AAEON-NSPG500DS Datasheet
482Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
logo
List of Unclassifed Man...
NSPG636AS ETC1-NSPG636AS Datasheet
365Kb / 15P
   SPECIFICATIONS FOR NICHIA GREEN LED
logo
AAEON Technology
NSPG310B AAEON-NSPG310B_15 Datasheet
486Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG320C AAEON-NSPG320C_15 Datasheet
485Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG520AS AAEON-NSPG520AS_15 Datasheet
201Kb / 15P
   SPECIFICATIONS FOR NICHIA GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com