Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M390S2858ETU Datasheet(PDF) 3 Page - Samsung semiconductor

Part # M390S2858ETU
Description  168pin Registered Module based on 256Mb E-die with 72-bit ECC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M390S2858ETU Datasheet(HTML) 3 Page - Samsung semiconductor

  M390S2858ETU Datasheet HTML 1Page - Samsung semiconductor M390S2858ETU Datasheet HTML 2Page - Samsung semiconductor M390S2858ETU Datasheet HTML 3Page - Samsung semiconductor M390S2858ETU Datasheet HTML 4Page - Samsung semiconductor M390S2858ETU Datasheet HTML 5Page - Samsung semiconductor M390S2858ETU Datasheet HTML 6Page - Samsung semiconductor M390S2858ETU Datasheet HTML 7Page - Samsung semiconductor M390S2858ETU Datasheet HTML 8Page - Samsung semiconductor M390S2858ETU Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
256MB, 512MB, 1GB Registered DIMM
Rev. 1.4 May 2004
SDRAM
168Pin Registered DIMM based on 256Mb E-die (x4, x8)
Ordering Information
Operating Frequencies
Part Number
Density
Organization
Component Composition
Component
Package
Height
M390S3253ET1-C7A
256MB
32Mx72
32Mx8(K4S560832E) * 9EA
54-TSOP(II)
1,500mil
M390S3253ETU-C7A
256MB
32Mx72
32Mx8(K4S560832E) * 9EA
1,200mil
M390S6450ET1-C7A
512MB
64Mx72
64Mx4(K4S560432E) * 18EA
1,700mil
M390S6450ETU-C7A
512MB
64Mx72
64Mx4(K4S560432E) * 18EA
1,200mil
M390S6453ET1-C7A
512MB
64Mx72
32Mx8(K4S560832E) * 18EA
1,700mil
M390S2858ET1-C7A
1GB
128Mx72
st.128Mx4(K4S510632E) * 18EA
1,700mil
M390S2858ETU-C7A
1GB
128Mx72
st.128Mx4(K4S510632E) * 18EA
1,200mil
7A
@CL3
@CL2
Maximum Clock Frequency
133MHz(7.5ns)
100MHz(10ns)
CL-tRCD-tRP(clock)
3 - 3 - 3
2 - 2 - 2
Feature
• Burst mode operation
• Auto & self refresh capability (8192 Cycles/64ms)
• LVTTL compatible inputs and outputs
• Single 3.3V
± 0.3V power supply
• MRS cycle with address key programs Latency (Access from column address)
Burst length (1, 2, 4, 8 & Full page)
Data scramble (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system clock
• Serial presence detect with EEPROM


Similar Part No. - M390S2858ETU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M390S2858CT1 SAMSUNG-M390S2858CT1 Datasheet
239Kb / 12P
    SDRAM DIMM
M390S2858CT1-C7A SAMSUNG-M390S2858CT1-C7A Datasheet
239Kb / 12P
    SDRAM DIMM
M390S2858CT1-C7C SAMSUNG-M390S2858CT1-C7C Datasheet
239Kb / 12P
    SDRAM DIMM
M390S2858CTU SAMSUNG-M390S2858CTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858CTU-C1H SAMSUNG-M390S2858CTU-C1H Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
More results

Similar Description - M390S2858ETU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T3253FG SAMSUNG-M393T3253FG Datasheet
387Kb / 18P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 256Mb F-die 72-bit ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M393T6553CZ3 SAMSUNG-M393T6553CZ3 Datasheet
476Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb C-die 72-bit ECC
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M312L5128MT0 SAMSUNG-M312L5128MT0 Datasheet
178Kb / 14P
   DDR SDRAM Registered Module ( TSOP-II ) 184pin Registered Module based on 1Gb M-die with 1,200mil Height & 72-bit ECC
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com