Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84715 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL84715
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84715 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL84715 Datasheet HTML 2Page - Intersil Corporation ISL84715 Datasheet HTML 3Page - Intersil Corporation ISL84715 Datasheet HTML 4Page - Intersil Corporation ISL84715 Datasheet HTML 5Page - Intersil Corporation ISL84715 Datasheet HTML 6Page - Intersil Corporation ISL84715 Datasheet HTML 7Page - Intersil Corporation ISL84715 Datasheet HTML 8Page - Intersil Corporation ISL84715 Datasheet HTML 9Page - Intersil Corporation ISL84715 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
supply voltage provides plenty of room for the 10% tolerance
of 3.6V supplies, as well as room for overshoot and noise
spikes.
The minimum recommended supply voltage is 3.6V but the
part will operate with a supply below 1.5V. It is important to
note that the input signal range, switching times, and on-
resistance degrade at lower supply voltages. Refer to the
electrical specification tables and Typical Performance
curves for details.
V+ and GND also power the internal logic and level shiftier.
The level shiftier converts the input logic levels to switched
V+ and GND signals to drive the analog switch gate
terminals.
This family of switches cannot be operated with bipolar
supplies, because the input switching point becomes
negative in this configuration.
Logic-Level Thresholds
This switch family is 1.8V CMOS compatible (0.5V and 1.4V)
over a supply range of 2V to 3.6V (see Figure 13). At 3.6V
the VIH level is about 1.1V. This is still below the 1.8V CMOS
guaranteed high output minimum level of 1.4V, but noise
margin is reduced.
The digital input stages draw supply current whenever the
digital input voltage is not at one of the supply rails. Driving
the digital input signals from GND to V+ with a fast transition
time minimizes power dissipation.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat even past
100MHz (see Figure 14). The frequency response is very
consistent over a wide V+ range, and for varying analog
signal levels.
An OFF switch acts like a capacitor and passes higher
frequencies with less attenuation, resulting in signal
feedthrough from a switch’s input to its output. Off Isolation is
the resistance to this feedthrough. Figure 15 details the high
Off Isolation rejection provided by this family. At 1MHz, Off
Isolation is about 45dB in 50
Ω systems, decreasing
approximately 20dB per decade as frequency increases.
Higher load impedances decrease Off Isolation and
Crosstalk rejection due to the voltage divider action of the
switch OFF impedance and the load impedance.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and GND. One of
these diodes conducts if any analog signal exceeds V+ or
GND.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or GND. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or GND and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and GND pins constitutes the analog-
signal-path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog signal
paths and V+ or GND.
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 7. ON RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 8. ON RESISTANCE vs SWITCH VOLTAGE
VCOM (V)
01
23
4
0.2
0.3
0.4
0.5
0.6
0.7
V+ = 2.7V
V+ = 1.8V
V+ = 1.5V
V+ = 3.6V
V+ = 3V
ICOM = 100mA
VCOM (V)
00.5
11.5
22.5
3
V+ = 2.7V
ICOM = 100mA
0.15
0.2
0.25
0.3
0.35
0.4
25°C
85°C
-40°C
ISL84715, ISL84716


Similar Part No. - ISL84715

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL84715IH-T INTERSIL-ISL84715IH-T Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
More results

Similar Description - ISL84715

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL54051 INTERSIL-ISL54051 Datasheet
401Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com