Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16TTS08 Datasheet(PDF) 4 Page - International Rectifier

Part # 16TTS08
Description  PHASE CONTROL SCR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16TTS08 Datasheet(HTML) 4 Page - International Rectifier

  16TTS08 Datasheet HTML 1Page - International Rectifier 16TTS08 Datasheet HTML 2Page - International Rectifier 16TTS08 Datasheet HTML 3Page - International Rectifier 16TTS08 Datasheet HTML 4Page - International Rectifier 16TTS08 Datasheet HTML 5Page - International Rectifier 16TTS08 Datasheet HTML 6Page - International Rectifier 16TTS08 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
16TTS..
SAFEIR Series
Bulletin I2115 rev. D 12/98
www.irf.com
Fig. 2 - Current Rating Characteristics
Fig. 3 - On-state Power Loss Characteristics
Fig. 4 - On-state Power Loss Characteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 1 - Current Rating Characteristics
90
95
100
105
110
115
120
125
0
2468
10
12
30°
60°
90°
120°
180°
Conduction Angle
Average On-state Current (A)
16TTS.. Series
R
(DC) = 1.3 °C/W
thJC
90
95
100
105
110
115
120
125
02468
10
12
14
16
DC
30°
60°
90°
120°
180°
Conduction Period
Average On-state Current (A)
16TT S.. Se ries
R
(DC) = 1.3 °C/W
thJC
0
2
4
6
8
10
12
14
16
18
012
3456789
10 11
RMS Limit
180°
120°
90°
60°
30°
Conduction Angle
Average On-state Current (A)
16TTS.. Series
T = 125°C
J
0
5
10
15
20
25
0
2
4
6
8
10
12
14
16
18
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
16TTS.. Series
T = 125°C
J
80
100
120
140
160
180
110
100
Number Of Equal Amplitude Half C ycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
RRM
J
16TTS..Series
80
100
120
140
160
180
200
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
16TTS.. Series


Similar Part No. - 16TTS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16TTS08 VISHAY-16TTS08 Datasheet
142Kb / 7P
   Phase Control SCR, 10 A
Revision: 16-Sep-08
logo
International Rectifier
16TTS08FP IRF-16TTS08FP Datasheet
98Kb / 7P
   PHASE CONTROL SCR TO-220 FULLPAK
logo
Vishay Siliconix
16TTS08FP VISHAY-16TTS08FP Datasheet
157Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 16 A
Revision: 19-Jun-08
16TTS08FP VISHAY-16TTS08FP Datasheet
140Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 16 A
Revision: 19-Jun-08
16TTS08FPPBF VISHAY-16TTS08FPPBF Datasheet
605Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 16 A
Revision: 26-May-08
More results

Similar Description - 16TTS08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
   PHASE CONTROL SCR
logo
International Rectifier
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
   PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T7H8650A POWEREX-T7H8650A Datasheet
153Kb / 4P
   Phase Control SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com