Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16TTS08 Datasheet(PDF) 3 Page - International Rectifier

Part # 16TTS08
Description  PHASE CONTROL SCR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16TTS08 Datasheet(HTML) 3 Page - International Rectifier

  16TTS08 Datasheet HTML 1Page - International Rectifier 16TTS08 Datasheet HTML 2Page - International Rectifier 16TTS08 Datasheet HTML 3Page - International Rectifier 16TTS08 Datasheet HTML 4Page - International Rectifier 16TTS08 Datasheet HTML 5Page - International Rectifier 16TTS08 Datasheet HTML 6Page - International Rectifier 16TTS08 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
16TTS..
SAFEIR Series
Bulletin I2115 rev. D 12/98
www.irf.com
Triggering
P
GM
Max. peak Gate Power
8.0
W
P
G(AV) Max. average Gate Power
2.0
+ IGM Max. paek positive Gate Current
1.5
A
- V
GM Max. paek negative Gate Voltage
10
V
I
GT
Max. required DC Gate Current
90
mA
Anode supply = 6V, resistive load, T
J = - 65°C
to trigger
60
Anode supply = 6V, resistive load, T
J = 25°C
35
Anode supply = 6V, resistive load, TJ = 125°C
V
GT
Max. required DC Gate Voltage
3.0
V
Anode supply = 6V, resistive load, T
J = - 65°C
to trigger
2.0
Anode supply = 6V, resistive load, TJ = 25°C
1.0
Anode supply = 6V, resistive load, TJ = 125°C
V
GD
Max. DC Gate Voltage not to trigger
0.2
T
J = 125°C, VDRM = rated value
I
GD
Max. DC Gate Current not to trigger
2.0
mA
T
J = 125°C, VDRM = rated value
Parameters
16TTS..
Units
Conditions
Switching
Parameters
16TTS..
Units
Conditions
t
gt
Typical turn-on time
0.9
µs
TJ = 25°C
t
rr
Typical reverse recovery time
4
TJ = 125°C
t
q
Typical turn-off time
110
T
J
Max.JunctionTemperatureRange
-40to125
°C
T
stg
Max.StorageTemperatureRange
-40to125
R
thJC
Max.ThermalResistanceJunction
1.3
°C/W
DCoperation
toCase
R
thJA
Max.ThermalResistanceJunction
62
toAmbient
R
thCS
Typ.ThermalResistanceCase
0.5
Mountingsurface,smoothandgreased
toHeatsink
wt
ApproximateWeight
2(0.07)
g(oz.)
T
MountingTorque
Min.
6(5)
Max.
12(10)
Case Style
TO-220AC
Thermal-Mechanical Specifications
Parameters
16TTS..
Units
Conditions
Kg-cm
(Ibf-in)


Similar Part No. - 16TTS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16TTS08 VISHAY-16TTS08 Datasheet
142Kb / 7P
   Phase Control SCR, 10 A
Revision: 16-Sep-08
logo
International Rectifier
16TTS08FP IRF-16TTS08FP Datasheet
98Kb / 7P
   PHASE CONTROL SCR TO-220 FULLPAK
logo
Vishay Siliconix
16TTS08FP VISHAY-16TTS08FP Datasheet
157Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 16 A
Revision: 19-Jun-08
16TTS08FP VISHAY-16TTS08FP Datasheet
140Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 16 A
Revision: 19-Jun-08
16TTS08FPPBF VISHAY-16TTS08FPPBF Datasheet
605Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 16 A
Revision: 26-May-08
More results

Similar Description - 16TTS08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
   PHASE CONTROL SCR
logo
International Rectifier
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
   PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T7H8650A POWEREX-T7H8650A Datasheet
153Kb / 4P
   Phase Control SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com