Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84780IV-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL84780IV-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84780IV-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL84780IV-T Datasheet HTML 2Page - Intersil Corporation ISL84780IV-T Datasheet HTML 3Page - Intersil Corporation ISL84780IV-T Datasheet HTML 4Page - Intersil Corporation ISL84780IV-T Datasheet HTML 5Page - Intersil Corporation ISL84780IV-T Datasheet HTML 6Page - Intersil Corporation ISL84780IV-T Datasheet HTML 7Page - Intersil Corporation ISL84780IV-T Datasheet HTML 8Page - Intersil Corporation ISL84780IV-T Datasheet HTML 9Page - Intersil Corporation ISL84780IV-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6099.1
December 27, 2004
Detailed Description
The ISL84780 is a bidirectional, quad single pole/double
throw (SPDT) analog switch that offers precise switching
capability from a single 1.6V to 3.6V supply with low on-
resistance (0.36
Ω) and high speed operation (tON = 12ns,
tOFF = 8ns). The device is especially well suited for portable
battery-powered equipment due to its low operating supply
voltage (1.6V), low power consumption (5.4
µW max), low
leakage currents (30nA max), and the tiny TQFN and TSSOP
packages. The ultra low on-resistance and Ron flatness
provide very low insertion loss and distortion to applications
that require signal reproduction.
Supply Sequencing and Overvoltage Protection
With any CMOS device, proper power supply sequencing is
required to protect the device from excessive input currents
which might permanently damage the IC. All I/O pins contain
ESD protection diodes from the pin to V+ and to GND (see
Figure 8). To prevent forward biasing these diodes, V+ must
be applied before any input signals, and the input signal
voltages must remain between V+ and GND. If these
conditions cannot be guaranteed, then one of the following
two protection methods should be employed.
Logic inputs can easily be protected by adding a 1k
Ω resistor
in series with the input (See Figure 8). The resistor limits the
input current below the threshold that produces permanent
damage, and the sub-microamp input current produces an
insignificant voltage drop during normal operation.
This method is not acceptable for the signal path inputs.
Adding a series resistor to the switch input defeats the
purpose of using a low RON switch, so two small signal
diodes can be added in series with the supply pins to provide
overvoltage protection for all pins (See Figure 8). These
additional diodes limit the analog signal from 1V below V+ to
1V above GND. The low leakage current performance is
unaffected by this approach, but the switch signal range is
reduced and the resistance may increase, especially at low
supply voltages.
FIGURE 4. OFF ISOLATION TEST CIRCUIT
FIGURE 5. RON TEST CIRCUIT
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V or V+
NO or NC
COM
IN
GND
V+
C
0V or V+
NO or NC
COM
IN
GND
VNX
V1
RON = V1/1mA
1mA
0V or V+
ANALYZER
V+
C
NO or NC
SIGNAL
GENERATOR
RL
GND
IN1
COM
50
N.C.
COM
NC or NO
V+
C
GND
NO or NC
COM
IN
IMPEDANCE
ANALYZER
0V or V+
ISL84780


Similar Part No. - ISL84780IV-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84780IV-T RENESAS-ISL84780IV-T Datasheet
594Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
More results

Similar Description - ISL84780IV-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84780 RENESAS-ISL84780 Datasheet
594Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
logo
Intersil Corporation
ISL84781 INTERSIL-ISL84781_06 Datasheet
282Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781_10 Datasheet
282Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
ISL84781 INTERSIL-ISL84781 Datasheet
340Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer
ISL84781IVZ INTERSIL-ISL84781IVZ Datasheet
279Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, 8-to-1 Analog Multiplexer
October 28, 2010
logo
Renesas Technology Corp
ISL84781 RENESAS-ISL84781 Datasheet
617Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8-to-1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com