Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ15015 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJ15015
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15015 Datasheet(HTML) 4 Page - ON Semiconductor

  MJ15015 Datasheet HTML 1Page - ON Semiconductor MJ15015 Datasheet HTML 2Page - ON Semiconductor MJ15015 Datasheet HTML 3Page - ON Semiconductor MJ15015 Datasheet HTML 4Page - ON Semiconductor MJ15015 Datasheet HTML 5Page - ON Semiconductor MJ15015 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N3055A MJ15015 MJ2955A MJ15016
4
Motorola Bipolar Power Transistor Device Data
10
0.2
Figure 8. Turn–Off Times
IC, COLLECTOR CURRENT (AMPS)
7
5
3
2
0.1
0.5
0.1
0.3
0.5 0.7
1
3
5
15
VCC = 30
IC/IB = 10
IB1 = IB2
TJ = 25°C
0.3
tf
ts
2
0.7
0.2
7
10
400
1.0
Figure 9. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
20
20
50
100
200
500 1000
2.0
5.0
10
200
100
50
30
TJ = 25°C
Cib
Cob
2N3055A
MJ15015
MJ2955A
MJ15016
COLLECTOR CUT–OFF REGION
10,000
+ 0.2
Figure 10. 2N3055A, MJ15015
VBE, BASE–EMITTER VOLTAGE (VOLTS)
1000
100
10
1.0
0.1
0.01
+ 0.1
0
– 0.1
– 0.2
– 0.3
– 0.4
– 0.5
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
IC = ICES
NPN
1000
– 0.2
Figure 11. MJ2955A, MJ15016
VBE, BASE–EMITTER VOLTAGE (VOLTS)
100
10
1.0
0.1
0.01
0.001
– 0.1
0
+ 0.1
+ 0.2
+ 0.3
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
IC = ICES
PNP
+ 0.4
+ 0.5
20
Figure 12. Forward Bias Safe Operating Area
2N3055A, MJ2955A
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
10
5
1
10
20
100
60
2
dc
30
µs
1 ms
100
µs
100 ms
20
Figure 13. Forward Bias Safe Operating Area
MJ15015, MJ15016
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
10
5.0
0.2
15
20
100
60
2.0
dc
0.1 ms
100 ms
BONDING WIRE LIMIT
THERMAL LIMIT @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMIT
1.0
0.5
30
120
1.0 ms
BONDING WIRE LIMIT
THERMAL LIMIT @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMIT
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe Operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figures 12 and 13 is based on TC = 25_C;
TJ(pk) is variable depending on power level. Second break-
down pulse limits are valid for duty cycles to 10% but must be
derated for temperature according to Figure 1.


Similar Part No. - MJ15015

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15015 MOSPEC-MJ15015 Datasheet
193Kb / 4P
   POWER TRANSISTORS(15A)
logo
Motorola, Inc
MJ15015 MOTOROLA-MJ15015 Datasheet
235Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
logo
Wing Shing Computer Com...
MJ15015 WINGS-MJ15015 Datasheet
188Kb / 1P
   Silicon Epitaxial Planar Transistor
logo
Boca Semiconductor Corp...
MJ15015 BOCA-MJ15015 Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
ON Semiconductor
MJ15015 ONSEMI-MJ15015 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
More results

Similar Description - MJ15015

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com