Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE7.5CA Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1.5KE7.5CA
Description  1500 Watt Mosorb Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1.5KE7.5CA Datasheet(HTML) 1 Page - ON Semiconductor

  1.5KE7.5CA Datasheet HTML 1Page - ON Semiconductor 1.5KE7.5CA Datasheet HTML 2Page - ON Semiconductor 1.5KE7.5CA Datasheet HTML 3Page - ON Semiconductor 1.5KE7.5CA Datasheet HTML 4Page - ON Semiconductor 1.5KE7.5CA Datasheet HTML 5Page - ON Semiconductor 1.5KE7.5CA Datasheet HTML 6Page - ON Semiconductor 1.5KE7.5CA Datasheet HTML 7Page - ON Semiconductor 1.5KE7.5CA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
February, 2002 – Rev. 2
1
Publication Order Number:
1.5KE6.8CA/D
1.5KE6.8CA Series
1500 Watt Mosorb™ Zener
Transient Voltage Suppressors
Bidirectional*
Mosorb devices are designed to protect voltage sensitive
components from high voltage, high–energy transients. They have
excellent clamping capability, high surge capability, low zener
impedance and fast response time. These devices are
ON Semiconductor’s exclusive, cost-effective, highly reliable
Surmetic axial leaded package and are ideally-suited for use in
communication systems, numerical controls, process controls,
medical equipment, business machines, power supplies and many
other industrial/ consumer applications, to protect CMOS, MOS and
Bipolar integrated circuits.
Specification Features:
Working Peak Reverse Voltage Range – 5.8 V to 214 V
Peak Power – 1500 Watts @ 1 ms
ESD Rating of Class 3 (>16 KV) per Human Body Model
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage < 5 µA above 10 V
UL 497B for Isolated Loop Circuit Protection
Response Time is typically < 1 ns
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
230
°C, 1/16″ from the case for 10 seconds
POLARITY:
Cathode band does not imply polarity
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (Note 1.)
@ TL ≤ 25°C
PPK
1500
Watts
Steady State Power Dissipation
@ TL ≤ 75°C, Lead Length = 3/8″
Derated above TL = 75°C
PD
5.0
20
Watts
mW/
°C
Thermal Resistance, Junction–to–Lead
RqJL
20
°C/W
Operating and Storage
Temperature Range
TJ, Tstg
– 65 to
+175
°C
1. Nonrepetitive current pulse per Figure 4 and derated above TA = 25°C per
Figure 2.
*Please see 1N6267A to 1N6306A (1.5KE6.8A – 1.5KE250A)
for Unidirectional Devices
Device
Packaging
Shipping
ORDERING INFORMATION
1.5KExxCA
Axial Lead
500 Units/Box
1.5KExxCARL4
Axial Lead
AXIAL LEAD
CASE 41A
PLASTIC
http://onsemi.com
1500/Tape & Reel
L = Assembly Location
1N6xxxCA = JEDEC Device Code
1.5KExxxCA = ON Device Code
YY = Year
WW = Work Week
L
1N6
xxxCA
1.5KE
xxxCA
YYWW


Similar Part No. - 1.5KE7.5CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE7.5CA TRSYS-1.5KE7.5CA Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
1.5KE7.5CA SUNMATE-1.5KE7.5CA Datasheet
111Kb / 4P
   1500Watt Axial Lead Transient Voltage Suppressors
logo
List of Unclassifed Man...
1.5KE7.5CA ETC-1.5KE7.5CA Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
1.5KE7.5CA YFWDIODE-1.5KE7.5CA Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
Formosa MS
1.5KE7.5CA FORMOSA-1.5KE7.5CA Datasheet
145Kb / 6P
   1500W Axial Lead Transient Voltage uppressors - 6.8V-440V
More results

Similar Description - 1.5KE7.5CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1N6267A ONSEMI-1N6267A_07 Datasheet
77Kb / 7P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1N6373 ONSEMI-1N6373_05 Datasheet
79Kb / 8P
   1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors
December, 2005 ??Rev. 4
logo
Motorola, Inc
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com