Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4148A Datasheet(PDF) 4 Page - Texas Instruments

Part # PT4148A
Description  20-W 24-V Input Isolated DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4148A Datasheet(HTML) 4 Page - Texas Instruments

  PT4148A Datasheet HTML 1Page - Texas Instruments PT4148A Datasheet HTML 2Page - Texas Instruments PT4148A Datasheet HTML 3Page - Texas Instruments PT4148A Datasheet HTML 4Page - Texas Instruments PT4148A Datasheet HTML 5Page - Texas Instruments PT4148A Datasheet HTML 6Page - Texas Instruments PT4148A Datasheet HTML 7Page - Texas Instruments PT4148A Datasheet HTML 8Page - Texas Instruments PT4148A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Using the Remote On/Off Function on the PT4120/
PT4140 Series of Isolated DC/DC Converters
For applications requiring output voltage on/off control,
the PT4120/4140 series of DC/DC converters incorporate
a remote on/off function. This function may be used in
applications that require battery conservation, power-up/
shutdown sequencing, and/or to co-ordinate the power-
up of the regulator for active in-rush current control. (See
the related application note, AN21).
This function is provided by the Remote On/Off control,
pin1. If pin 1 is left open-circuit, the converter provides a
regulated output whenever a valid source voltage3 is ap-
plied between +Vin(pin 3), and –Vin (pin 2). Applying a
low-level ground signal 1 to pin 1 will disable the regula-
tor output 5.
Table 1 provides details of the threshold requirements for
the Remote On/Off pin. Figure 1 shows how a discrete
MOSFET (Q1) 4, may be referenced to the negative input
voltage rail and used with this control input.
Table 1 Inhibit Control Thresholds
Parameter
min
max
Enable (VIH)
2.5V
(Open Circuit) 2, 4
Disable (VIL)
–0.3V
0.8V
Notes:
1. The on/off control uses -Vin (pin 2), the primary side of
the converter as its ground reference. All voltages specified
are with respect to -Vin.
2. The on/off control internal circuitry is a high impedance
10
µA current source. The open-circuit voltage may be as
high as 8.3Vdc.
3. The PT4120/40 series incorporates an “Under Voltage
Lockout” (UVLO) function. This function automatically
inhibits the converter output until there is sufficient input
voltage for the converter to produce a regulated output.
Table 2 gives the applicable UVLO thresholds.
Table 2 UVLO Thresholds
Series
UVLO Threshold
V
in
Range
PT4120
31V Typical
36 – 75V
PT4140
15V Typical
18 – 40V
4. The Remote On/Off input of the PT4120/40 series regulators
must be controlled with an open-collector (or open-drain)
discrete transistor or MOSFET.
Do not use a pull-up resistor.
5. When the converter output is disabled, the current drawn
from the input supply is typically reduced to 8mA (16mA
maximum).
Figure 1
Turn-On Time:
The converter typically produces a fully
regulated output voltage within 50ms after the applica-
tion of power, or the removal of the low voltage signal 6
from the Remote On/Off pin. The actual turn-on time
will vary with the input voltage, output load, and the
total amount of capacitance connected to the output.
Using the circuit of Figure 1, Figure 2 shows the output
voltage and input current waveforms of a PT4121 after
Q1 is turned off. The turn off of Q1 corresponds to the
drop in Q1 Vgs voltage. The waveforms were measured
with a 48Vdc input voltage, and 2.75-A resistive load.
Figure 2
+V
in
–V
in
+V
o
–V
o
PT4121
+Vout
–V out
+V in
–Vin
Remote
On/Off
V
o(adj)
1
2
35
4
6
Q1
BSS138
Inh
Note 2
Vout (2V/Div)
Iin (0.2A/Div)
Q1 Vgs (10V/Div)
HORIZ. SCALE: 5ms/Div
6. Keep the on/off transition to less than 1ms. This prevents
erratic operation of the ISR, whereby the output voltage
may drift un-regulated between 0V and the rated output
during power-up.
Application Notes
PT4120/4140 Series


Similar Part No. - PT4148A

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PT410 ROITHNER-PT410 Datasheet
134Kb / 2P
   TO-Can PIN Photodiode
logo
Texas Instruments
PT4100-24V TI-PT4100-24V Datasheet
179Kb / 3P
[Old version datasheet]   15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT4100-24V TI1-PT4100-24V Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
More results

Similar Description - PT4148A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT4681 TI-PT4681 Datasheet
290Kb / 13P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
logo
Bel Fuse Inc.
RFT-20Y BEL-RFT-20Y Datasheet
1Mb / 10P
   20 W Isolated DC-DC Converter
16 December 2022
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com