Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4147A Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4147A
Description  20-W 24-V Input Isolated DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4147A Datasheet(HTML) 1 Page - Texas Instruments

  PT4147A Datasheet HTML 1Page - Texas Instruments PT4147A Datasheet HTML 2Page - Texas Instruments PT4147A Datasheet HTML 3Page - Texas Instruments PT4147A Datasheet HTML 4Page - Texas Instruments PT4147A Datasheet HTML 5Page - Texas Instruments PT4147A Datasheet HTML 6Page - Texas Instruments PT4147A Datasheet HTML 7Page - Texas Instruments PT4147A Datasheet HTML 8Page - Texas Instruments PT4147A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
Input Voltage Range:
18V to 40V
20W Rated
82% Efficiency
1500 VDC Isolation
Low Profile (8.5 mm)
Small Footprint: 1.52in x 1.73in
Remote On/Off
PT4140 Series
20-W 24-V Input Isolated
DC/DC Converter
PT4140
LOAD
3
2
1
5
4
6
+V
OUT
–V
OUT
V
OAdj
+V
IN
–V
IN
Remote
On/Off
Q
1
BSS138
SLTS120B
(Revised 3/1/2002)
Ordering Information
PT4141
H =
3.3V/5A
(16.5W)
PT4142
H =
5.0V/4A
PT4143
H = 12.0V/1⋅6A
PT4144
H = 15.0V/1⋅3A
PT4146
H =
1.5V/5A
(7.5W)
PT4147
H =
1.8V/5A
(9W)
PT4148
H =
2.5V/5A
(12.5W)
Pin-Out Information
Pin
Function
1
Remote On/Off
2–Vin
3+Vin
4
–Vout
5
+Vout
6Vout Adjust
† For further information, see
application notes.
Description
The PT4140 power modules are a series
of isolated DC/DC converters housed in a
low-profile package. Rated for 20 watts or 5A,
the series includes standard output voltages
ranging from as low as 1.5VDC to 15VDC.
The output may be adjusted up to ±10% of
nominal. These converters are ideal for
Telecom, Industrial, Computer, and other
distributed power applications that require
input-to-output isolation.
Using multiple PT4140 modules, system
designers can implement a complete custom
power supply solution. The flexibility of full
isolation also allows the input or output to be
configured for negative voltage operation.
The PT4140 series requires no additional
components for proper operation.
Short Circuit Protection
Over Temperature Shutdown
Under-Voltage Lockout
UL1950 Recognized
CSA 22.2 950 Certified
EN60950 Approved
4×106 Hrs MTBF
PT Series Suffix (PT1234x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Horizontal
A
(EGD)
SMD
C
(EGE)
* Previously known as package style 710.
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)


Similar Part No. - PT4147A

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PT410 ROITHNER-PT410 Datasheet
134Kb / 2P
   TO-Can PIN Photodiode
logo
Texas Instruments
PT4100-24V TI-PT4100-24V Datasheet
179Kb / 3P
[Old version datasheet]   15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT4100-24V TI1-PT4100-24V Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
More results

Similar Description - PT4147A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT4681 TI-PT4681 Datasheet
290Kb / 13P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
logo
Bel Fuse Inc.
RFT-20Y BEL-RFT-20Y Datasheet
1Mb / 10P
   20 W Isolated DC-DC Converter
16 December 2022
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com