Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5K433CA01 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S5K433CA01
Description  1/4 Optical Size 640x480(VGA) 3.3V/2.8V VGA CMOS Image Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5K433CA01 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S5K433CA01 Datasheet HTML 6Page - Samsung semiconductor S5K433CA01 Datasheet HTML 7Page - Samsung semiconductor S5K433CA01 Datasheet HTML 8Page - Samsung semiconductor S5K433CA01 Datasheet HTML 9Page - Samsung semiconductor S5K433CA01 Datasheet HTML 10Page - Samsung semiconductor S5K433CA01 Datasheet HTML 11Page - Samsung semiconductor S5K433CA01 Datasheet HTML 12Page - Samsung semiconductor S5K433CA01 Datasheet HTML 13Page - Samsung semiconductor S5K433CA01 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
S5K433CA, S5K433LA
1/4” VGA CMOS IMAGE SENSOR
10
AC Characteristics
(VDD = 3.0V to 3.6V for S5K433CA, VDD = 2.55V to 3.05V for S5K433LA, Ta = -20 to + 60
°C, C
L = 50pF)
NOTES:
1. 8-bit ADC resolution case. If 10-bit ADC resolution is used, the frequency should be over 12MHz.
2. The period time of main input clock,
MCLK.
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Main input clock frequency
fMCLK
Duty = 50%
3(1)
24.54
30
MHz
Data output clock frequency
fDCLK
-
2
12.27
15
Propagation delay time
tPDMD
DCLK output
-
-
20
ns
from main input clock
tPDMO
DATA output
-
-
25
tPDMH
HSYNC output
-
-
25
tPDMV
VSYNC output
-
-
25
Propagation delay time
tPDDO
DATA output
-
-
10
from data output clock
tPDDH
HSYNC output
-
-
10
tPDDV
VSYNC output
-
-
10
Reset input pulse width
tWRST
RSTN=low(active)
5
-
-
TMCLK(2)
Standby input pulse width
tWSTB
STBYN=low(active)
4
-
-
tPDMD
DATA
MCLK
DCLK
0.5VDD
HSYNC
VSYNC
tPDDO
tPDMO
tPDMD
tPDDH
tPDMH
tPDDH
tPDMH
tPDDV
tPDMV


Similar Part No. - S5K433CA01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5K437CA SAMSUNG-S5K437CA Datasheet
285Kb / 36P
   1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
S5K437CX01 SAMSUNG-S5K437CX01 Datasheet
285Kb / 36P
   1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
S5K437CX02 SAMSUNG-S5K437CX02 Datasheet
285Kb / 36P
   1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
S5K437CX03 SAMSUNG-S5K437CX03 Datasheet
285Kb / 36P
   1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
More results

Similar Description - S5K433CA01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5K437CA SAMSUNG-S5K437CA Datasheet
285Kb / 36P
   1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
SX5437M21X SAMSUNG-SX5437M21X Datasheet
266Kb / 18P
   1/4 Optical Size 640x480(VGA) CIS Camera Module
SX5433M14X SAMSUNG-SX5433M14X Datasheet
260Kb / 17P
   1/4 Optical Size 640x480 (VGA) CIS Camera Module
logo
Pixart Imaging Inc.
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
   CMOS VGA IMAGE SENSOR
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
logo
Cypress Semiconductor
CYIA2SC0300AA-BQE CYPRESS-CYIA2SC0300AA-BQE Datasheet
735Kb / 18P
   1/3??VGA-Format CMOS Image Sensor
logo
List of Unclassifed Man...
GC0308 ETC1-GC0308 Datasheet
2Mb / 32P
   1/6.5?쇺? VGA CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com