Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4730ELT-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4730ELT-T
Description  Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4730ELT-T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX4730ELT-T Datasheet HTML 1Page - Maxim Integrated Products MAX4730ELT-T Datasheet HTML 2Page - Maxim Integrated Products MAX4730ELT-T Datasheet HTML 3Page - Maxim Integrated Products MAX4730ELT-T Datasheet HTML 4Page - Maxim Integrated Products MAX4730ELT-T Datasheet HTML 5Page - Maxim Integrated Products MAX4730ELT-T Datasheet HTML 6Page - Maxim Integrated Products MAX4730ELT-T Datasheet HTML 7Page - Maxim Integrated Products MAX4730ELT-T Datasheet HTML 8Page - Maxim Integrated Products MAX4730ELT-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Low-Voltage 3.5
, SPDT,
CMOS Analog Switches
6
_______________________________________________________________________________________
50%
0V
RL
IN
VIN
V+
tOFF
0V
tON
CL
V+
VCOM
MAX4729
MAX4730
GND
tr < 5ns
tf < 5ns
NO/NC
VNO/NC
V+
OPEN
NC/NO
COM
RL
IN
VIN
CL
V+
VCOM
MAX4729
MAX4730
GND
NO
VS
V+
VS
NC
COM
IN
50%
90%
90%
VNO/NC
VCOM
50%
0V
V+
tBBM
IN
50%
90%
VS
VCOM
0V
90%
tBBM
tBBM = tON(NC) - tOFF(NO) OR tBBM = tON(NO) - tOFF(NC)
Figure 1. Switching Times
Detailed Description
The MAX4729/MAX4730 single-pole/double-throw
(SPDT) switches operate from a single supply ranging
from +1.8V to +5.5V. These switches provide low 3.5
on-resistance (RON), as well as 0.45
Ω RON flatness with
a 2.7V supply. These devices typically consume only
1nA of supply current, making them suitable for use in
low-power, portable applications. The MAX4729/
MAX4730 feature low-leakage currents over the entire
temperature range, TTL/CMOS-compatible digital logic,
and excellent AC characteristics.
Applications Information
Digital Control Inputs
The MAX4729/MAX4730 logic inputs accept up to +5.5V,
regardless of supply voltage. For example, with a +3.3V
supply, IN can be driven low to GND and high to +5.5V,
allowing for mixing of logic levels in a system. With a 2.7V
to 3.6V power-supply voltage range, the logic thresholds
are set so VIL = 0.4V (max) and VIH = 2V (min).
Power-Supply Sequencing
and Overvoltage Protection
Caution: Do not exceed the absolute maximum ratings
because stresses beyond the listed ratings can cause
permanent damage to the device. Proper power-supply
sequencing is recommended for all CMOS devices.
Always apply V+ before applying analog signals, espe-
cially if the analog signal is not current limited.


Similar Part No. - MAX4730ELT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4730ELT+T MAXIM-MAX4730ELT+T Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
More results

Similar Description - MAX4730ELT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729_V01 Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4635 MAXIM-MAX4635 Datasheet
245Kb / 11P
   Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches
Rev 2; 5/03
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
logo
List of Unclassifed Man...
AAM3202 ETC2-AAM3202 Datasheet
207Kb / 5P
   ULTRA LOW POWER, DUAL-SPDT CMOS ANALOG SWITCHES
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
logo
Monolithic Power System...
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com