Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4729ELT-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4729ELT-T
Description  Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4729ELT-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4729ELT-T Datasheet HTML 1Page - Maxim Integrated Products MAX4729ELT-T Datasheet HTML 2Page - Maxim Integrated Products MAX4729ELT-T Datasheet HTML 3Page - Maxim Integrated Products MAX4729ELT-T Datasheet HTML 4Page - Maxim Integrated Products MAX4729ELT-T Datasheet HTML 5Page - Maxim Integrated Products MAX4729ELT-T Datasheet HTML 6Page - Maxim Integrated Products MAX4729ELT-T Datasheet HTML 7Page - Maxim Integrated Products MAX4729ELT-T Datasheet HTML 8Page - Maxim Integrated Products MAX4729ELT-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
0
10
5
20
15
25
30
-40
10
-15
35
60
85
TEMPERATURE (
°C)
V+ = 3V
tON/tOFF vs. TEMPERATURE
tON
tOFF
V+ = 5V
V+ = 3V
V+ = 5V
OFF-ISOLATION
FREQUENCY (MHz)
100
10
1
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
0.1
1000
V+ = 3V
V+ = 5V
50
Ω IN AND OUT
CROSSTALK
FREQUENCY (MHz)
100
10
1
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
0.1
1000
V+ = 3V
V+ = 5V
50
Ω IN AND OUT
Low-Voltage 3.5
, SPDT,
CMOS Analog Switches
_______________________________________________________________________________________
5
ON-LOSS BANDWIDTH
FREQUENCY (MHz)
100
10
1
0.1
-6
-5
-4
-3
-2
-1
0
-7
0.01
1000
V+ = 3V
V+ = 5V
50
Ω IN AND OUT
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
0.01
0.02
0.03
0.04
0.05
0.06
0
0.01
100
OUTPUT IMPEDANCE = 600
f = 20Hz to 20kHz
V+ = 3V, VGEN = 3VP-P
V+ = 3V, VGEN = 2VP-P
V+ = 5V, VGEN = 5VP-P
V+ = 5V, VGEN = 3VP-P
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
0.01
0.02
0.03
0.04
0.05
0.06
0
0.01
100
OUTPUT IMPEDANCE = 600
MAX4730
V+ = 3V, VGEN = 3VP-P
V+ = 3V, VGEN = 2VP-P
V+ = 5V, VGEN = 5VP-P
V+ = 5V, VGEN = 3VP-P
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
Pin Description
PIN
MAX4729
MAX4730
SC70
µDFN
SC70/µDFN
NAME
FUNCTION
1
3
6
IN
Logic-Control Input
2
2
5
V+
Positive Supply Voltage
3
4
2
GND
Ground
4
6
3
NC
Analog Switch Normally Closed Terminal
5
5
4
COM
Analog Switch Common Terminal
6
1
1
NO
Analog Switch Normally Open Terminal


Similar Part No. - MAX4729ELT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4729ELT+T MAXIM-MAX4729ELT+T Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
More results

Similar Description - MAX4729ELT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729_V01 Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4635 MAXIM-MAX4635 Datasheet
245Kb / 11P
   Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches
Rev 2; 5/03
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
logo
List of Unclassifed Man...
AAM3202 ETC2-AAM3202 Datasheet
207Kb / 5P
   ULTRA LOW POWER, DUAL-SPDT CMOS ANALOG SWITCHES
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
logo
Monolithic Power System...
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com